Electronic Components Datasheet Search
  English  ▼

X  

LP38841 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP38841
Description  0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38841 Datasheet(HTML) 1 Page - Texas Instruments

  LP38841 Datasheet HTML 1Page - Texas Instruments LP38841 Datasheet HTML 2Page - Texas Instruments LP38841 Datasheet HTML 3Page - Texas Instruments LP38841 Datasheet HTML 4Page - Texas Instruments LP38841 Datasheet HTML 5Page - Texas Instruments LP38841 Datasheet HTML 6Page - Texas Instruments LP38841 Datasheet HTML 7Page - Texas Instruments LP38841 Datasheet HTML 8Page - Texas Instruments LP38841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
OUT
S/D
0.1 PF
10 PF
Ceramic
OUT
S/D
GND
IN
BIAS
LP38841
IN
BIAS
5V
± 10%
GND
GND
4.7 PF
*
LP38841
www.ti.com
SNVS289B – DECEMBER 2004 – REVISED SEPTEMBER 2006
LP38841 0.8A Ultra Low Dropout Linear Regulators
Stable with Ceramic Output Capacitors
Check for Samples: LP38841
1
FEATURES
•
Available in 5 lead TO220 and TO263 packages
•
−40°C to +125°C junction temperature range
2
•
Ideal for conversion from 1.8V or 1.5V inputs
•
Designed for use with low ESR ceramic
APPLICATIONS
capacitors
•
ASIC Power Supplies In:
•
0.8V, 1.2V and 1.5V standard voltages
available
–
- Desktops, Notebooks, and Graphics
Cards, Servers
•
Ultra low dropout voltage (75mV @ 0.8A typ)
–
- Gaming Set Top Boxes, Printers and
•
1.5% initial output accuracy
Copiers
•
Load regulation of 0.1%/A (typical)
•
Server Core and I/O Supplies
•
30nA quiescent current in shutdown (typical)
•
DSP and FPGA Power Supplies
•
Low ground pin current at all loads
•
SMPS Post-Regulator
•
Over temperature/over current protection
DESCRIPTION
The LP38841 is a high current, fast response regulator which can maintain output voltage regulation with
minimum input to output voltage drop. Fabricated on a CMOS process, the device operates from two input
voltages: Vbias provides voltage to drive the gate of the N-MOS power transistor, while Vin is the input voltage
which supplies power to the load. The use of an external bias rail allows the part to operate from ultra low Vin
voltages. Unlike bipolar regulators, the CMOS architecture consumes extremely low quiescent current at any
output load current. The use of an N-MOS power transistor results in wide bandwidth, yet minimum external
capacitance is required to maintain loop stability.
The fast transient response of these devices makes them suitable for use in powering DSP, Microcontroller Core
voltages and Switch Mode Power Supply post regulators. The parts are available in TO-220 and TO-263
packages.
Dropout Voltage: 75 mV (typ) @ 0.8A load current.
Quiescent Current: 30 mA (typ) at full load.
Shutdown Current: 30 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature accuracy.
Typical Application Circuit
* Minimum value required if Tantalum capacitor is used (see Application Hints).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP38841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38841 NSC-LP38841 Datasheet
595Kb / 10P
0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38841-ADJ TI-LP38841-ADJ Datasheet
843Kb / 15P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38841-ADJ TI2-LP38841-ADJ Datasheet
862Kb / 16P
LP38841-ADJ 0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
REVISED APRIL 2013
LP38841-ADJ TI-LP38841-ADJ_15 Datasheet
843Kb / 15P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
More results

Similar Description - LP38841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38842 NSC-LP38842 Datasheet
626Kb / 11P
1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 NSC-LP38841 Datasheet
595Kb / 10P
0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843 NSC-LP38843 Datasheet
643Kb / 11P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38842 TI1-LP38842 Datasheet
989Kb / 17P
1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI-LP38841_15 Datasheet
1Mb / 17P
LP38841 0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841-ADJ TI-LP38841-ADJ_15 Datasheet
843Kb / 15P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38843 TI-LP38843_15 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI1-LP38841_16 Datasheet
1Mb / 17P
0.8A Ultra Low Dropout Linear Regulators Stable
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com