Electronic Components Datasheet Search
  English  ▼

X  

LP3943 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3943
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 8Page - Texas Instruments LP3943 Datasheet HTML 9Page - Texas Instruments LP3943 Datasheet HTML 10Page - Texas Instruments LP3943 Datasheet HTML 11Page - Texas Instruments LP3943 Datasheet HTML 12Page - Texas Instruments LP3943 Datasheet HTML 13Page - Texas Instruments LP3943 Datasheet HTML 14Page - Texas Instruments LP3943 Datasheet HTML 15Page - Texas Instruments LP3943 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LP3943
SNVS256A – MAY 2004 – REVISED MAY 2004
www.ti.com
Table 9. Address 0x05 (PWM1)
Bit #
7
6
5
4
3
2
1
0
Default value
1
0
0
0
0
0
0
0
BINARY FORMAT FOR SELECTOR REGISTERS — ADDRESS 0x06 to 0x09
Table 10. Address 0x06 (LS0)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
B1
B0
B1
B0
B1
B0
B1
B0
LED3
LED2
LED1
LED0
Table 11. Address 0x07 (LS1)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
B1
B0
B1
B0
B1
B0
B1
B0
LED7
LED6
LED5
LED4
Table 12. Address 0x08 (LS2)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
B1
B0
B1
B0
B1
B0
B1
B0
LED11
LED10
LED9
LED8
Table 13. Address 0x09 (LS3)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
B1
B0
B1
B0
B1
B0
B1
B0
LED15
LED14
LED13
LED12
Table 14. LED States With Respect To Values in "B1" and "B0"
B1
B0
Function
0
0
Output Hi-Z
(LED off)
0
1
Output LOW
(LED on)
1
0
Output dims
(DIM0 rate)
1
1
Output dims
(DIM1 rate)
Programming Example:
Dim LEDs 0 to 7 at 1 Hz at 25% duty cycle
Dim LEDs 8 to 12 at 5 Hz at 50% duty cycle
Set LEDs 13, 14 and 15 off
Step 1: Set PSC0 to achieve DIM0 of 1s
Step 2: Set PWM0 duty cycle to 25%
Step 3: Set PSC1 to achieve DIM1 of 0.2s
12
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com