Electronic Components Datasheet Search
  English  ▼

X  

LM3402 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402 Datasheet(HTML) 5 Page - Texas Instruments

  LM3402 Datasheet HTML 1Page - Texas Instruments LM3402 Datasheet HTML 2Page - Texas Instruments LM3402 Datasheet HTML 3Page - Texas Instruments LM3402 Datasheet HTML 4Page - Texas Instruments LM3402 Datasheet HTML 5Page - Texas Instruments LM3402 Datasheet HTML 6Page - Texas Instruments LM3402 Datasheet HTML 7Page - Texas Instruments LM3402 Datasheet HTML 8Page - Texas Instruments LM3402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LM3402, LM3402HV
www.ti.com
SNVS450D – SEPTEMBER 2006 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS LM3402/LM3402HV (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDR-HYS
BOOT Under-voltage Lock-out Hysteresis
BOOT–SW Decreasing
400
mV
THERMAL SHUTDOWN
TSD
Thermal Shutdown Threshold
165
°C
TSD-HYS
Thermal Shutdown Hysteresis
25
°C
THERMAL RESISTANCE
θJA
Junction to Ambient
VSSOP-8 Package
200
°C/W
SO PowerPAD-8 Package
50
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com