Electronic Components Datasheet Search
  English  ▼

X  

LM3402 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3402 Datasheet HTML 13Page - Texas Instruments LM3402 Datasheet HTML 14Page - Texas Instruments LM3402 Datasheet HTML 15Page - Texas Instruments LM3402 Datasheet HTML 16Page - Texas Instruments LM3402 Datasheet HTML 17Page - Texas Instruments LM3402 Datasheet HTML 18Page - Texas Instruments LM3402 Datasheet HTML 19Page - Texas Instruments LM3402 Datasheet HTML 20Page - Texas Instruments LM3402 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LM3402, LM3402HV
www.ti.com
SNVS450D – SEPTEMBER 2006 – REVISED FEBRUARY 2010
Though most power LEDs are designed to run at several hundred milliamps, some can be seen to glow with a
faint light at extremely low current levels, as low as a couple microamps in some instances. In lab testing, the
forward voltage was found to be approximately 2V for LEDs that exhibited visible light at these low current levels.
For LEDs that did not show light emission at very low current levels, the forward voltage was found to be around
900mV. It is important to remember that the forward voltage is also temperature dependent, decreasing at higher
temperatures. Consequently, with a maximum Vcc voltage of 7.4V, current will be observed in the LEDs if the
total stack voltage is less than about 6V at a forward current of several microamps. No current is observed if the
stack voltage is above 6V, as shown in Figure 23. The need for absolute darkness during DIM mode is also
application dependent. It will not affect regular PWM dimming operation.
The fix for this issue is extremely simple. Place a resistor from the SW pin to ground according to the chart
below.
Number of LEDs
Resistor Value (k
Ω)
1
20
2
50
3
90
4
150
5
200
>5
300
The luminaire designer should ensure that the suggested resistor is effective in eliminating the off-state light
output. A combination of calculations based on LED manufacturer data and lab measurements over temperature
will ensure the best design.
Transient Protection Considerations
Considerations need to be made when external sources, loads or connections are made to the switching
converter circuit due to the possibility of Electrostatic Discharge (ESD) or Electric Over Stress (EOS) events
occurring and damaging the integrated circuit (IC) device. All IC device pins contain zener based clamping
structures that are meant to clamp ESD. ESD events are very low energy events, typically less than 5µJ
(microjoules). Any event that transfers more energy than this may damage the ESD structure. Damage is
typically represented as a short from the pin to ground as the extreme localized heat of the ESD / EOS event
causes the aluminum metal on the chip to melt, causing the short. This situation is common to all integrated
circuits and not just unique to the LM340X device.
CS PIN PROTECTION
When hot swapping in a load (e.g. test points, load boards, LED stack), any residual charge on the load will be
immediately transferred through the output capacitor to the CS pin, which is then damaged as shown in
Figure 24 below. The EOS event due to the residual charge from the load is represented as VTRANSIENT.
From measurements, we know that the 8V ESD structure on the CS pin can typically withstand 25mA of direct
current (DC). Adding a 1k
Ω resistor in series with the CS pin, shown in Figure 25, results in the majority of the
transient energy to pass through the discrete sense resistor rather than the device. The series resistor limits the
peak current that can flow during a transient event, thus protecting the CS pin. With the 1k
Ω resistor shown, a
33V, 49A transient on the LED return connector terminal could be absorbed as calculated by:
V = 25mA * 1k
Ω + 8V = 33V
(16)
I = 33V / 0.67
Ω = 49A
(17)
This is an extremely high energy event, so the protection measures previously described should be adequate to
solve this issue.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com