Electronic Components Datasheet Search
  English  ▼

X  

MB40176 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB40176
Description  AD/DA CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40176 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB40176 Datasheet HTML 4Page - fujitsu semiconductor MB40176 Datasheet HTML 5Page - fujitsu semiconductor MB40176 Datasheet HTML 6Page - fujitsu semiconductor MB40176 Datasheet HTML 7Page - fujitsu semiconductor MB40176 Datasheet HTML 8Page - fujitsu semiconductor MB40176 Datasheet HTML 9Page - fujitsu semiconductor MB40176 Datasheet HTML 10Page - fujitsu semiconductor MB40176 Datasheet HTML 11Page - fujitsu semiconductor MB40176 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
MB40166/MB40176
s
TIMING CHART
1. Timing Chart for A/D Conversion
2. Timing Chart for D/A Conversion
Sample N
Sample N+1
Sample N+2
tW+
tW-
VOHD
VOLD
3 V
0 V
1.5 V
tpdD
1.5 V
DATA N-1
DATA N
DATA N+1
A/D conversion clock input
(ADCK)
Analog signal input
(VIN)
Digital signal output
(DA1 to DA6)
D/A conversion clock input
(DACK)
Analog signal output
(VOUT)
Digital signal input
(DD1 to DD6)
tS
th
tW+
tW-
tr
tf
10%
50%
90%
90%
50%
10%
tPLHA
tPHLA
3 V
0 V
1.5 V
3 V
0 V
1.5 V
VOFS
VOZS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com