Electronic Components Datasheet Search
  English  ▼

X  

MB40176 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB40176
Description  AD/DA CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40176 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB40176 Datasheet HTML 9Page - fujitsu semiconductor MB40176 Datasheet HTML 10Page - fujitsu semiconductor MB40176 Datasheet HTML 11Page - fujitsu semiconductor MB40176 Datasheet HTML 12Page - fujitsu semiconductor MB40176 Datasheet HTML 13Page - fujitsu semiconductor MB40176 Datasheet HTML 14Page - fujitsu semiconductor MB40176 Datasheet HTML 15Page - fujitsu semiconductor MB40176 Datasheet HTML 16Page - fujitsu semiconductor MB40176 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
MB40166/MB40176
s
DIGITAL INPUT EQUIVALENT CIRCUITS
• MB40166/MB40176
VCCD
D.GND
50 k
Ω
3.2 k
Ω
50 k
Ω
1.6 k
Ω
1.6 k
Ω
ADCK
VT
1.4 V
~
Digital input equivalent circuit of A/D converter block
VCCD
D.GND
50 k
Ω
50 k
Ω
Digital input equivalent circuit of D/A converter block
DA1
to
DA6
DACK
VT
1.4 V
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com