Electronic Components Datasheet Search
  English  ▼

X  

PM0011 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # PM0011
Description  POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0011 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  PM0011 Datasheet HTML 1Page - Solid States Devices, Inc PM0011 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Forward Discharge Voltage
(TA = 25
oC)
Forward Discharge Voltage
(IF = 50A)
Forward Charge Voltage
(TA = 25
oC)
Forward Charge Voltage
(IF = 25A)
Insulation Resistance (All terminals to Base @1000V)
SOLID STATE DEVICES, INC.
PRELIMINARY
PACKAGE OUTLINE: ASPM
(Unless otherwise specified)
All dimensions are in inches
Tolerances
(Unless specified):
.XX
.XXX
".03
".010
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
SPMS506-01 & -01M
SPMS506-01F & -01FM
Optional Terminal
(Suffix F or FM)
THREAD STYLE/SIZE
PART No.
THREAD TYPE
THREAD SIZE
SPMS506-01
INCH MALE
6-32 UNC-2A
SPMS506-01F
INCH FEMALE
6-32 UNC-2B
SPMS506-01M
METRIC MALE
M4 x 0.7
SPMS506-01FM
METRIC FEMALE
M4 x 0.7
.350
.70
i.313
THREAD SIZE
(SEE CHART)
ELECTRICAL CHARACTERISTICS
RATING
SYMBOL
MIN
MAX
UNIT
IF = 20A
IF = 50A
IF = 100A
IF = 150A
TA = -55
oC
TA = +125
oC
IF = 350mA
IF = 5A
IF = 10A
IF = 25A
IF = 50A
TA = -55
oC
TA = +125
oC
VFD1
VFD2
VFD3
VFD4
VFD5
VFD6
VCD1
VCD2
VCD3
VCD4
VCD5
VCD6
VCD7
RINSUL
.450
.550
.680
.800
.650
.480
--
2.52
2.65
3.00
3.30
3.20
2.50
--
Volts
--
--
--
--
--
--
1.65
--
--
--
--
--
--
1.0
Volts
Volts
G
S
Volts



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com