Electronic Components Datasheet Search
  English  ▼

X  

PM0011 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0011
Description  POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0011 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0011 Datasheet HTML 1Page - Solid States Devices, Inc PM0011 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SPMS506-01 & -01M
SPMS506-01F & -01FM
FEATURES:
DATA SHEET #: PM0011A
150 AMPS DISCHARGE
50 AMPS CHARGE CURRENT
BATERY BYPASS
POWER MODULE
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
ASPM
ELECTRICAL SCHEMATIC
• Space Flight Proven Heritage.
• High Charge/Discharge Current.
• Low Forward Discharge Voltage (VFD)
• Guaranteed Minimum Charge Voltage (VFC)
• Compact and Rugged Construction Offering Weight and Space
Savings.
• Very Low Mechanical Stress and Thermal Resistance.
• Hermetic Sealed Discrete Elements.
• Excellent Thermal Management.
• TX, TXV, and S-Level Screening Available Upon Request.
• Available with Male or Female and Inch or Metric Terminals.
MAXIMUM RATINGS
Discharge Current (Schottky's)
Amps
CHARACTERISTIC
SYMBOL
VALUE
UNIT
ID
150
Discharge Surge Current
(Non-repetitive, t = 8.3 ms Pulse)
Amps
750
IDP
Operating and Storage Temperature Range
oC
TOP & TSTG
Thermal Resistance, Junction to Base
oC/W
0.75
0.45
1JBd
1JBc
Charge Current (Rectifiers)
Amps
IC
50
-65 TO +150
Discharging Leg
Charging Leg
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773


Similar Part No. - PM0011

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0011 SSDI-PM0011_15 Datasheet
59Kb / 2P
POWER MODULE
More results

Similar Description - PM0011

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
Power Module
M20W BOURNS-M20W Datasheet
183Kb / 2P
Power Module
logo
Toshiba Semiconductor
MP7003 TOSHIBA-MP7003 Datasheet
157Kb / 7P
Power Module
22-Dec-2000
logo
Solid States Devices, I...
PM0004 SSDI-PM0004 Datasheet
63Kb / 2P
POWER MODULE
PM0017 SSDI-PM0017_15 Datasheet
51Kb / 2P
POWER MODULE
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
Power Module
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
POWER MODULE
IRKT330 IRI-IRKT330 Datasheet
1Mb / 5P
POWER MODULE
IRKT130 IRI-IRKT130 Datasheet
1Mb / 5P
POWER MODULE
IRKD40 IRI-IRKD40 Datasheet
2Mb / 4P
POWER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com