Electronic Components Datasheet Search
  English  ▼

X  

PM0017 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # PM0017
Description  POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0017 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  PM0017 Datasheet HTML 1Page - Solid States Devices, Inc PM0017 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.004
2.500
A
1.60
.45±.03
2x Ø.125
2.250
.450
.06
.30
MAX
.030
B
Ø.125
Ø.070
2x .250 MIN
.125
B
-
B
+
Forward Voltage
(TA = 25
oC)
Forward Voltage
(IF = 20A)
Reverse Leakage Current
(VR = 150V)
Insulation Resistance (All terminals to Base @1000V)
SOLID STATE DEVICES, INC.
PACKAGE OUTLINE:
SPMR494-01
SPMR494-02
ELECTRICAL CHARACTERISTICS (per Section)
RATING
SYMBOL
MIN
MAX
UNIT
IF = 0.1A
IF = 5A
IF = 20A
IF = 35A
TA = 125
oC
TA = -55
oC
TA = 25
oC
TA = +100
oC
VF1
VF2
VF3
VF4
VF5
VF6
IR1
IR2
RINS
--
--
3.00
3.25
2.50
3.20
20
2.0
--
Volts
1.6
2.16
--
--
--
--
--
--
1.0
Volts
G
S
µA
mA
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Tolerances:
(Unless specified):
".03
".010
.XX
.XXX
DIMENSIONS
DIM
AB
SPMR494-01
0.77"
0.365"
SPMR494-02
0.62"
0.220"



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com