Electronic Components Datasheet Search
  English  ▼

X  

PM0017 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0017
Description  POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0017 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0017 Datasheet HTML 1Page - Solid States Devices, Inc PM0017 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Optimized for Use with NiH2 Batteries
• Radiation Tolerant Design
• High Charge Current
• Controlled Forward Discharge Voltage (VFD)
• Proven Space Flight Heritage
• Compact and Rugged Construction Offering Weight and
Space Savings and Very Low Mechanical Stress
• Low Thermal Resistance: 0.45 oC/W
• Hermetic Sealed Discrete Elements
• TX, TXV, and S-Level Screening Available
• Higher Currents and Higher Voltages Available
SOLID STATE DEVICES, INC.
SPMR494-01
SPMR494-02
FEATURES:
DATA SHEET #: PM0017A
60 A / 1000V
BATTERY CHARGE
POWER MODULE
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Miniature ASPM
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
MAXIMUM RATINGS
Peak Repetitive Reverse and DC Blocking Voltage
Volts
CHARACTERISTIC
SYMBOL
VALUE
UNIT
VR
1000
Peak Surge Current
(Non-repetitive, t = 8.3 ms Pulse, TA = 25
oC)
Amps
200
IFSM
Operating and Storage Temperature Range
oC
TOP
Thermal Resistance, Junction to Base
oC/W
θθθθθJB
-65 TO +150
Average Rectified Forward Current
(Non-repetitive, t = 8.3 ms Pulse)
Amps
IO
60
0.45
ELECTRICAL SCHEMATIC
B-
B+
Actual Size


Similar Part No. - PM0017

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0017 SSDI-PM0017_15 Datasheet
51Kb / 2P
POWER MODULE
More results

Similar Description - PM0017

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
Power Module
M20W BOURNS-M20W Datasheet
183Kb / 2P
Power Module
logo
Toshiba Semiconductor
MP7003 TOSHIBA-MP7003 Datasheet
157Kb / 7P
Power Module
22-Dec-2000
logo
Solid States Devices, I...
PM0004 SSDI-PM0004 Datasheet
63Kb / 2P
POWER MODULE
PM0017 SSDI-PM0017_15 Datasheet
51Kb / 2P
POWER MODULE
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
Power Module
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
POWER MODULE
IRKT330 IRI-IRKT330 Datasheet
1Mb / 5P
POWER MODULE
IRKT130 IRI-IRKT130 Datasheet
1Mb / 5P
POWER MODULE
IRKD40 IRI-IRKD40 Datasheet
2Mb / 4P
POWER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com