Electronic Components Datasheet Search
  English  ▼

X  

RA0020 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RA0020
Description  DUAL SINGLE PHASE BRIDGE ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0020 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RA0020 Datasheet HTML 1Page - Solid States Devices, Inc RA0020 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics 1/ (per leg)
SYMBOL
UNITS
VALUE
IR1
IR2
:A
mA
10
1.0
Reverse Leakage Current
(Rated VR, 300
:s pulse minimum )
Instantaneous Forward Voltage Drop
(300 - 500
:sec pulse)
3.75
4.35
5.70
Vdc
VF1
VF2
VF3
Reverse Recovery Time
(IF = 0.5A, IR = 1.0A, IRR = 0.25A)
tRR
70
nsec
SOLID STATE DEVICES, INC.
CASE OUTLINE: SPA516
SPA516L-3UF
1/ TA = 25oC, Unless otherwise specified
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
TA = 25oC
TA = 100oC
IF = 0.5A
IF = 1A
IF = 3A
Isolation Resistance (All Terminals in Common to Case)
(V = 6000V)
RISO
G
S
1.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com