Electronic Components Datasheet Search
  English  ▼

X  

RA0020 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0020
Description  DUAL SINGLE PHASE BRIDGE ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0020 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0020 Datasheet HTML 1Page - Solid States Devices, Inc RA0020 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
SPA516
3 AMPS
70 nsec
ULTRA FAST RECOVERY
DUAL SINGLE PHASE
BRIDGE ASSEMBLY
SPA516L-3UF
• Ultra Fast Recovery: 70 nsec Maximum
• 3000 V Blocking Voltage
• 6000 V Dielectric Voltage
• Average Output Current 3 Amps
• Low Reverse Leakage Current
• Glass Passivated Rectifiers
• Hermetically Sealed Discretes
• Aluminum Base for Maximum Thermal Conductivity
• TX and TXV Level Screening Available
1.30
Maximum Ratings
SYMBOL
UNITS
VALUE
3
1.5
Amps
Io
Average Rectified Forward Current
(Resistive load, 60Hz, Sine Wave)
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25oC, per leg)
Maximum Thermal Resistance
Junction to Case (per Assebly)
Junction to Case (per Leg)
1.125
9.0
oC/W
2JC
oC
-55 TO +150
-55 TO +175
TOP & Tstg
TJ
Operating and Storage Temperature
Junction Temperature
3000
Volts
VRRM
VRWM
VR
Peak Repetitive Reverse and
DC Blocking Voltage
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RA0020B
TC = 25oC
TC = 100oC
75
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com


Similar Part No. - RA0020

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0020 SSDI-RA0020_15 Datasheet
58Kb / 2P
ULTRA FAST RECOVERY DUAL SINGLE PHASE BRIDGE ASSEMBLY
More results

Similar Description - RA0020

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA263AF-1 SSDI-SDA263AF-1 Datasheet
193Kb / 2P
75 AMP SINGLE PHASE BRIDGE RECITIFIER ASSEMBLY
logo
Sensitron
SL1560FR SENSITRON-SL1560FR_07 Datasheet
51Kb / 3P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
logo
Solid States Devices, I...
SDA172HF SSDI-SDA172HF Datasheet
74Kb / 2P
Single Phase Bridge Rectifier Assembly
SDA174HF SSDI-SDA174HF Datasheet
73Kb / 2P
Single Phase Bridge Rectifier Assembly
RA0004 SSDI-RA0004 Datasheet
72Kb / 2P
SINGLE PHASE BRIDGE ASSEMBLY
RA0019 SSDI-RA0019 Datasheet
51Kb / 2P
DUAL SINGLE PHASE BRIDGE ASSEMBLY
RA0040A SSDI-RA0040A Datasheet
113Kb / 1P
SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0040A SSDI-RA0040A_15 Datasheet
113Kb / 1P
SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0019 SSDI-RA0019_15 Datasheet
51Kb / 2P
FAST RECOVERY DUAL SINGLE PHASE BRIDGE ASSEMBLY
RA0020 SSDI-RA0020_15 Datasheet
58Kb / 2P
ULTRA FAST RECOVERY DUAL SINGLE PHASE BRIDGE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com