Electronic Components Datasheet Search
  English  ▼

X  

LM2852 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2852
Description  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2852 Datasheet HTML 2Page - Texas Instruments LM2852 Datasheet HTML 3Page - Texas Instruments LM2852 Datasheet HTML 4Page - Texas Instruments LM2852 Datasheet HTML 5Page - Texas Instruments LM2852 Datasheet HTML 6Page - Texas Instruments LM2852 Datasheet HTML 7Page - Texas Instruments LM2852 Datasheet HTML 8Page - Texas Instruments LM2852 Datasheet HTML 9Page - Texas Instruments LM2852 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
0.1
1.0
10
50
55
60
65
70
75
80
85
90
ILOAD (A)
PVIN = 5.0V
-50
-25
0
25
50
75
80
85
90
TEMPERATURE (
oC)
PVIN = 3.3V
PVIN = 5.0V
1200
1250
1300
1350
1400
1450
1500
1550
1600
0.1
1.0
10
45
50
55
60
65
70
75
80
85
ILOAD (A)
PVIN = 3.3V
PVIN = 5.0V
ILOAD (A)
0.1
1.0
10
40
50
60
70
80
90
100
PVIN = 3.3V
PVIN = 5.0V
LM2852
SNVS325C – JANUARY 2005 – REVISED OCTOBER 2006
www.ti.com
LM2852X Typical Performance Characteristics (1500kHz)
Efficiency vs ILoad VOUT = 1.5V
Efficiency vs ILoad VOUT = 2.5V
Figure 7.
Figure 8.
Efficiency vs ILoad VOUT = 3.3V
Frequency vs Temperature
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM2852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com