Electronic Components Datasheet Search
  English  ▼

X  

LM2852 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2852
Description  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852 Datasheet(HTML) 1 Page - Texas Instruments

  LM2852 Datasheet HTML 1Page - Texas Instruments LM2852 Datasheet HTML 2Page - Texas Instruments LM2852 Datasheet HTML 3Page - Texas Instruments LM2852 Datasheet HTML 4Page - Texas Instruments LM2852 Datasheet HTML 5Page - Texas Instruments LM2852 Datasheet HTML 6Page - Texas Instruments LM2852 Datasheet HTML 7Page - Texas Instruments LM2852 Datasheet HTML 8Page - Texas Instruments LM2852 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
PVIN
AVIN
EN
SS
SGND
PGND
SNS
SW
LM2852Y
CSS = 2.7 nF
CIN = 22 PF
VIN = 3.3V
VOUT = 2.5V
ILOAD = 0A to 2A
CO = 100 PF
+
LO = 10 PH
LM2852
www.ti.com
SNVS325C – JANUARY 2005 – REVISED OCTOBER 2006
LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER® Buck Regulator
Check for Samples: LM2852
1
FEATURES
DESCRIPTION
The LM2852 SIMPLE SWITCHER® synchronous
2
•
Input Voltage Range of 2.85 to 5.5V
buck
regulator
is
a
high
frequency
step-down
•
Factory EEPROM Set Output Voltages from
switching voltage regulator capable of driving up to a
0.8V to 3.3V in 100mV Increments
2A load with excellent line and load regulation. The
•
Maximum Load Current of 2A
LM2852 can accept an input voltage between 2.85V
and 5.5V and deliver an output voltage that is factory
•
Voltage Mode Control
programmable
from
0.8V
to
3.3V
in
100mV
•
Internal Type-Three Compensation
increments. The LM2852 is available with a choice of
•
Switching Frequency of 500kHz or 1.5MHz
two switching frequencies - 500kHz (LM2852Y) or
1.5MHz (LM2852X). It also features internal, type-
•
Low Standby Current of 10µA
three compensation to deliver a low component count
•
Internal 60 m
Ω MOSFET Switches
solution. The exposed-pad HTSSOP-14 package
•
Standard Voltage Options
enhances the thermal performance of the LM2852.
0.8/1.0/1.2/1.5/1.8/2.5/3.3 Volts
APPLICATIONS
•
Low Voltage Point of Load Regulation
•
Local Solution for FPGA/DSP/ASIC Core
Power
•
Broadband Networking and Communications
Infrastructure
•
Portable Computing
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852 NSC-LM2852 Datasheet
663Kb / 14P
2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852 TI-LM2852 Datasheet
1Mb / 25P
Input Voltage Range of 2.85 to 5.5V, Factory EEPROM Set OUTPUT Voltages from 0.8V to 3.3V in 100mV increments
LM2852 TI-LM2852 Datasheet
981Kb / 23P
LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI2-LM2852 Datasheet
792Kb / 31P
LM2852 2A 500/1500 kHz Synchronous Buck Regulator
REVISED JANUARY 2016
More results

Similar Description - LM2852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
EZBuck??2A Simple Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
EZBuck??2A Simple Buck Regulator
logo
Texas Instruments
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com