Electronic Components Datasheet Search
  English  ▼

X  

MB40968 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB40968
Description  2-Channel 8-BIT D/A Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40968 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB40968 Datasheet HTML 4Page - fujitsu semiconductor MB40968 Datasheet HTML 5Page - fujitsu semiconductor MB40968 Datasheet HTML 6Page - fujitsu semiconductor MB40968 Datasheet HTML 7Page - fujitsu semiconductor MB40968 Datasheet HTML 8Page - fujitsu semiconductor MB40968 Datasheet HTML 9Page - fujitsu semiconductor MB40968 Datasheet HTML 10Page - fujitsu semiconductor MB40968 Datasheet HTML 11Page - fujitsu semiconductor MB40968 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
MB40968/40968V
Figure 1
DAC Output Voltage
Input
A 1 – 8
B 1 – 8
FF
00
(V CCA)
V OFS
(V RIN)
V OZS
Output
A OUT
B OUT
5.000 V
5.000 V
3.008 V
3.000 V
1 LSB = 8 mV
1.5V
1.5V
90%
50%
10%
±1/2 LSB
t PLH
t PHL
t setLH
t setHL
t wL
t wH
t h
t su
3V
0V
3V
0V
t r
t f
±1/2 LSB
Data Input
Clock Output
Analog Output
V OZS
Figure 2 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com