Electronic Components Datasheet Search
  English  ▼

X  

MB40968 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB40968
Description  2-Channel 8-BIT D/A Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40968 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB40968 Datasheet HTML 9Page - fujitsu semiconductor MB40968 Datasheet HTML 10Page - fujitsu semiconductor MB40968 Datasheet HTML 11Page - fujitsu semiconductor MB40968 Datasheet HTML 12Page - fujitsu semiconductor MB40968 Datasheet HTML 13Page - fujitsu semiconductor MB40968 Datasheet HTML 14Page - fujitsu semiconductor MB40968 Datasheet HTML 15Page - fujitsu semiconductor MB40968 Datasheet HTML 16Page - fujitsu semiconductor MB40968 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
MB40968/40968V
s TYPICAL CHARACTERISTIC CURVES
(Continued)
V CC=5.25 V
V RIN=V ROUT
100
80
60
40
20
0
0
-25
25
50
75
100
Operating Temperature Ta(°C)
V CC=5.00 V
V RIN=3.000 V
100
75
50
25
0
-25
Operating Temperature Ta(°C)
0.2
0.15
0.1
0.05
0
300
280
260
240
220
200
0
-25
25
50
75
100
Operating Temperature Ta(°C)
Figure 7 Power Supply Current vs.
Operating Temperature
Figure 8 Linearity Error vs.
Operating Temperature
Figure 9 Output Resistance vs.
Operating Temperature
Operating Temperature Ta(°C)
V CC=5.00 V
V RIN=V ROUT
V CC
(reference)
-4
-2
-6
-8
-10
0
-25
25
50
75
100
Figure 10 Full-Scale Analog Output Voltage
vs. Operating Temperature
V CC=5.00 V
V RIN=3.000 V
100
75
50
25
0
-25
Operation Temperature Ta(°C)
3.100
3.050
3.000
2.950
2.900
Figure 11 Zero-Scale Analog Output Voltage
vs. Operating Temperature
V CC=5.00 V
100
75
50
25
0
-25
Operating Temperature Ta(°C)
3.100
3.050
3.000
2.950
2.900
Figure 12 MB40968 Reference Output Voltage
vs. Operating Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com