Electronic Components Datasheet Search
  English  ▼

X  

LM2756 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2756
Description  Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2756 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2756 Datasheet HTML 9Page - Texas Instruments LM2756 Datasheet HTML 10Page - Texas Instruments LM2756 Datasheet HTML 11Page - Texas Instruments LM2756 Datasheet HTML 12Page - Texas Instruments LM2756 Datasheet HTML 13Page - Texas Instruments LM2756 Datasheet HTML 14Page - Texas Instruments LM2756 Datasheet HTML 15Page - Texas Instruments LM2756 Datasheet HTML 16Page - Texas Instruments LM2756 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
0
bit7
62A
bit6
53A
bit5
SD62
bit4
SD53
bit3
ENC
bit2
ENB
bit1
ENA
bit0
MSB
LSB
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
0
0
0
1
1
1
1
I
2
C Slave Address (chip address)
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDIO
start
Id = 36h
w
ack
addr = 10h
ack
ack
DGGUHVV K¶06 data
stop
LM2756
www.ti.com
SNVS504B – JULY 2007 – REVISED DECEMBER 2007
w = write (SDIO = "0")
r = read (SDIO = "1")
ack = acknowledge (SDIO pulled down by either master or slave)
id = chip address, 36h for LM2756
Figure 6. Write Cycle
I
2C COMPATIBLE CHIP ADDRESS
The chip address for LM2756 is 0110110, or 36h.
Figure 7. Chip Address
INTERNAL REGISTERS OF LM2756
Register
Internal Hex Address
Power On Value
General Purpose Register
10h
0000 0000
Group A Brightness Control Register
A0h
1110 0000
Group B Brightness Control Register
B0h
1111 1000
Group C Brightness Control Register
C0h
1111 1000
Ramp Step Time Register
20h
1111 0000
VF Monitor Delay Ragister
60h
1111 1100
Figure 8. General Purpose Register Description
Internal Hex Address: 10h
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2756



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com