Electronic Components Datasheet Search
  English  ▼

X  

MB40C218 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB40C218
Description  30MHz 8-bit A/D Converter (With AMP)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C218 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB40C218 Datasheet HTML 3Page - fujitsu semiconductor MB40C218 Datasheet HTML 4Page - fujitsu semiconductor MB40C218 Datasheet HTML 5Page - fujitsu semiconductor MB40C218 Datasheet HTML 6Page - fujitsu semiconductor MB40C218 Datasheet HTML 7Page - fujitsu semiconductor MB40C218 Datasheet HTML 8Page - fujitsu semiconductor MB40C218 Datasheet HTML 9Page - fujitsu semiconductor MB40C218 Datasheet HTML 10Page - fujitsu semiconductor MB40C218 Datasheet HTML 11Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
MB40C218
s BLOCK DIAGRAM
AMP
AMP
32
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NC
DC
control
DC 3 V
L/H
L/H
DC3 V
V RTC
V RT
AV DD3
NC
TEST
CLK
DV DD
V RB
AV SS
AV SS
SEL
VB1
CE
NC
L/H
L/H
AV SS
DV SS
31
30
29
28
27
26
25
910
11
12
13
14
15
16
D 7
(MSB)
D 6
D 5
D 4
Digital out
8 bit 30 MSPS
A/DConverter
D 3
D 2
D 1
D 0
(LSB)
OE
AV SS
OPO
ADIN
AV SS
500 mV p-p
(max.)
500 mV p-p
(max.)
DC 5 V
V IN2
AV DD5 V IN1
9.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com