Electronic Components Datasheet Search
  English  ▼

X  

MB40C218 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB40C218
Description  30MHz 8-bit A/D Converter (With AMP)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C218 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB40C218 Datasheet HTML 1Page - fujitsu semiconductor MB40C218 Datasheet HTML 2Page - fujitsu semiconductor MB40C218 Datasheet HTML 3Page - fujitsu semiconductor MB40C218 Datasheet HTML 4Page - fujitsu semiconductor MB40C218 Datasheet HTML 5Page - fujitsu semiconductor MB40C218 Datasheet HTML 6Page - fujitsu semiconductor MB40C218 Datasheet HTML 7Page - fujitsu semiconductor MB40C218 Datasheet HTML 8Page - fujitsu semiconductor MB40C218 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
MB40C218
s DESCRIPTION OF PINS
The values in parentheses are standard.
s PRECAUTIONS ON USE
Be sure to ground the pins of AVDD5, AVDD3, DVDD and VRT via high-frequency capacitor.
Place the high-frequency capacitor as close as possible to the pin.
You can minimize the power supply current dissipation due to the internal logic indetermination by making CE
to high on power turning on.
Pin No.
Symbol
Description
26
AVDD5
Analog section power supply (+ 5.00 V)
21
AVDD3
A/D converter analog power supply (+ 3 V)
17
DVDD
A/D converter digital power supply (+ 3 V)
2, 3, 7, 28, 31
AVSS
Analog power supply ground pin (0 V)
8DVSS
Digital power supply ground pin (0 V)
9 to 16
D7 to D0
Digital output pin
18
CLK
Clock input pin
29
ADIN
A/D converter analog input pin.
Input range is VRB to VRT (0 to 1.5 V)
Relationship between analog input and digital output is defined by Test function.
23
VRTC
Input pin for reference voltage adjustment amp (VRT reference voltage adjustment)
VRT is adjusted so that it is 1.5 V with the input pin opened.
22
VRT
Reference voltage output pin on top side.
The voltage fed to VRTC is output.
1VRB
Reference voltage input pin on bottom side (0V)
25
VIN1
Input pin 1 for 1:3 gain amp
Dual input selector for inverting amp
27
VIN2
Input pin 2 for 1:3 gain amp
30
OPO
Input pin for 1:3 gain (at standby: high impedance)
4SEL
Toggle input pin for dual input selector for 1:3 gain amp
Input "L": VIN1, Input "H": VIN2
Test function
5CE
Input pin for toggling standby function.
Input high signal brings the standby state to the A/D
converter, 1:3 gain amp, and reference voltage adjustment
amp.
32
OE
Output (D7 to D0) enable input pin.
Input low signal readies digital output.
Input high signal induces high-impedance state.
19
TEST
Test input pin.
6, 20, 24
N.C.
No connection pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com