Electronic Components Datasheet Search
  English  ▼

X  

MB40C360 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB40C360
Description  20 MHz 10-bit A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C360 Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB40C360 Datasheet HTML 1Page - fujitsu semiconductor MB40C360 Datasheet HTML 2Page - fujitsu semiconductor MB40C360 Datasheet HTML 3Page - fujitsu semiconductor MB40C360 Datasheet HTML 4Page - fujitsu semiconductor MB40C360 Datasheet HTML 5Page - fujitsu semiconductor MB40C360 Datasheet HTML 6Page - fujitsu semiconductor MB40C360 Datasheet HTML 7Page - fujitsu semiconductor MB40C360 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
MB40C360
s ELECTRICAL CHARACTERISTICS
• Analog Section
(AVDD = 2.7 V to 3.6 V, DVDD = 2.7 V to 3.6 V, VRT = 2.0 V, VRB = 0 V, Ta = –20
°C to +70°C)
*1: VINA = 2.0 V
*2: VINA = 0.0 V
• Digital Section
(AVDD = 2.7 V to 3.6 V, DVDD = 2.7 V to 3.6 V, VRT = 2.0 V, VRB = 0 V, Ta = –20
°C to +70°C)
• Switching Section
(AVDD = 2.7 V to 3.6 V, DVDD = 2.7 V to 3.6 V, VRT = 2.0 V, VRB = 0 V, Ta = –20
°C to +70°C)
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Resolution
RES
—
10
—
bit
Linearity error
DC precision
LE
—
±1.00
±2.00
LSB
Differential linearity error
DLE
—
±0.50
±1.00
LSB
Analog input capacity
CINA
—18—
pF
Analog “H” level input current
IIHA*1
—200
—
µA
Analog “L” level input current
IILA*2
—
–250
—
µA
Analog input bandwidth ( –0.5 dB)
fBW
—20—
MHz
Reference current (BOTTOM side)
IRB
3.0
6.0
10.0
mA
Analog supply current
AIDD
—
13.0
40.0
mA
Digital supply current
DIDD
—1.5
4.0
mA
Standby supply current
ISTBA
—100
—
µA
ISTBD
—5—
µA
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Digital “H” level output voltage
VOHD
2.5
—
DVDD
V
Digital “L” level output voltage
VOLD
0—
0.4
V
Digital “H” level output current
IOHD
–400
—
—
µA
Digital “L” level output current
IOLD
——
1.6
mA
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Maximum conversion rate
fS
20
—
—
MSPS
Digital output delay time
tpd
1
6
15
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com