Electronic Components Datasheet Search
  English  ▼

X  

MB40C360 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB40C360
Description  20 MHz 10-bit A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C360 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB40C360 Datasheet HTML 1Page - fujitsu semiconductor MB40C360 Datasheet HTML 2Page - fujitsu semiconductor MB40C360 Datasheet HTML 3Page - fujitsu semiconductor MB40C360 Datasheet HTML 4Page - fujitsu semiconductor MB40C360 Datasheet HTML 5Page - fujitsu semiconductor MB40C360 Datasheet HTML 6Page - fujitsu semiconductor MB40C360 Datasheet HTML 7Page - fujitsu semiconductor MB40C360 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS04-28214-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP
CMOS
20 MHz 10-bit A/D Converter
MB40C360
s DESCRIPTION
MB40C360 is a high-speed A/D converter using a fast CMOS technology.
s FEATURES
• Resolution
: 10 bits
• Differential linearity error
:
±1.0 LSB (max.)
• Maximum conversion rate
: 20 MSPS (min.)
• Supply voltage
: Single +3.0 V
• Digital in/output voltage
: 3 V CMOS level (tristate)
• Analog input voltage range
: 0 V to AVDD (1.5 V to 2.1 Vp-p)
• Analog input capacitance
: 18 pF (standard)
• Dissipation power
: 40 mW
• Additional capabilities
: Power saving function
tristate output
• Package
: 24-pin SSOP
s PACKAGE
24-pin Plastic SSOP
(FPT-24P-M03)


Similar Part No. - MB40C360

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C368 FUJITSU-MB40C368 Datasheet
122Kb / 10P
A/D Converter (1-channel, 8-bit, 18MHz)
MB40C368PF FUJITSU-MB40C368PF Datasheet
122Kb / 10P
A/D Converter (1-channel, 8-bit, 18MHz)
MB40C368PFV FUJITSU-MB40C368PFV Datasheet
122Kb / 10P
A/D Converter (1-channel, 8-bit, 18MHz)
More results

Similar Description - MB40C360

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
10-Bit, 20 MSPS A/D Converter
August 1997
logo
List of Unclassifed Man...
DAC-341 ETC-DAC-341 Datasheet
814Kb / 4P
10-BIT 80 MHZ VIDEO SPEED D/A CONVERTER
logo
Analog Devices
AD773A AD-AD773A Datasheet
223Kb / 16P
10-Bit, 20 MSPS Monolithic A/D Converter
REV.0
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
10-Bit, 20 MSPS A/D Converter
August 2000
logo
Murata Power Solutions ...
DAC-341 MURATA-PS-DAC-341 Datasheet
981Kb / 4P
10-Bit 80 MHz Video Speed D/A Converter
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
20-Bit A/D Converter
Rev. E
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
20-Bit A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com