Electronic Components Datasheet Search
  English  ▼

X  

UAF42 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UAF42
Description  UNIVERSAL ACTIVE FILTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UAF42 Datasheet(HTML) 2 Page - Texas Instruments

  UAF42 Datasheet HTML 1Page - Texas Instruments UAF42 Datasheet HTML 2Page - Texas Instruments UAF42 Datasheet HTML 3Page - Texas Instruments UAF42 Datasheet HTML 4Page - Texas Instruments UAF42 Datasheet HTML 5Page - Texas Instruments UAF42 Datasheet HTML 6Page - Texas Instruments UAF42 Datasheet HTML 7Page - Texas Instruments UAF42 Datasheet HTML 8Page - Texas Instruments UAF42 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Low-PassV
O
V
IN3
V
IN2
AuxiliaryOpAmp,+In
AuxiliaryOpAmp, In
-
AuxiliaryOpAmp,V
O
BandpassV
O
FrequencyAdj
2
High-PassV
O
V
IN1
Ground
V+
V-
FrequencyAdj
1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Low-PassV
O
NC
(1)
V
IN3
V
IN2
AuxiliaryOpAmp,+In
AuxiliaryOpAmp, In
-
AuxiliaryOpAmp,V
O
BandpassV
O
FrequencyAdj
2
NC
(1)
High-PassV
O
V
IN1
Ground
V+
V-
FrequencyAdj
1
UAF42
SBFS002B – JULY 1992 – REVISED OCTOBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range unless otherwise noted.
UAF42
UNIT
Power Supply Voltage
±18
V
Input Voltage
±VS ±0.7
V
Output Short-Circuit
Continuous
Operating Temperature
–40 to +85
°C
Storage Temperature
–40 to +125
°C
Junction Temperature
+125
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended period may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
UAF42AP
PDIP-14
N
UAF42AP
UAF42APG4
UAF42AU
SOIC-16
DW
UAF42AU
UAF42AUE4
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
PIN CONFIGURATIONS
P PACKAGE
U PACKAGE
PDIP-14
SOIC-16
(TOP VIEW)
(TOP VIEW)
NOTE: (1) NC = no connection. For best
performance connect all NC pins to ground
to minimize inter-lead capacitance.
2
Submit Documentation Feedback
Copyright © 1992–2010, Texas Instruments Incorporated
Product Folder Link(s): UAF42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com