Electronic Components Datasheet Search
  English  ▼

X  

UAF42 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UAF42
Description  UNIVERSAL ACTIVE FILTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UAF42 Datasheet(HTML) 1 Page - Texas Instruments

  UAF42 Datasheet HTML 1Page - Texas Instruments UAF42 Datasheet HTML 2Page - Texas Instruments UAF42 Datasheet HTML 3Page - Texas Instruments UAF42 Datasheet HTML 4Page - Texas Instruments UAF42 Datasheet HTML 5Page - Texas Instruments UAF42 Datasheet HTML 6Page - Texas Instruments UAF42 Datasheet HTML 7Page - Texas Instruments UAF42 Datasheet HTML 8Page - Texas Instruments UAF42 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UAF42
UAF42
High-Pass
Out
R
R
R
1000pF
(1)
In
2
In
3
In
1
R
1000pF
(1)
Band-Pass
Out
Low-Pass
Out
GND
V+
V-
R=50kW 0.5%
±
UAF42
www.ti.com
SBFS002B – JULY 1992 – REVISED OCTOBER 2010
UNIVERSAL ACTIVE FILTER
Check for Samples: UAF42
1
FEATURES
DESCRIPTION
2
•
VERSATILE:
The UAF42 is a universal active filter that can be
configured for a wide range of low-pass, high-pass,
–
Low-Pass, High-Pass
and band-pass filters. It uses a classic state-variable
–
Band-Pass, Band-Reject
analog architecture with an inverting amplifier and two
•
SIMPLE DESIGN PROCEDURE
integrators. The integrators include on-chip 1000pF
•
ACCURATE FREQUENCY AND Q:
capacitors trimmed to 0.5%. This architecture solves
one of the most difficult problems of active filter
–
Includes On-Chip 1000pF ±0.5% Capacitors
design—obtaining tight tolerance, low-loss capacitors.
APPLICATIONS
A DOS-compatible filter design program allows easy
implementation
of
many
filter
types,
such
as
•
TEST EQUIPMENT
Butterworth,
Bessel,
and
Chebyshev.
A
fourth,
•
COMMUNICATIONS EQUIPMENT
uncommitted FET-input op amp (identical to the other
•
MEDICAL INSTRUMENTATION
three) can be used to form additional stages, or for
•
DATA ACQUISITION SYSTEMS
special filters such as band-reject and Inverse
Chebyshev.
•
MONOLITHIC REPLACEMENT FOR UAF41
The classical topology of the UAF42 forms a
time-continuous filter, free from the anomalies and
switching noise associated with switched-capacitor
filter types.
The UAF42 is available in 14-pin plastic DIP and
SOIC-16 surface-mount packages, specified for the
–25°C to +85°C temperature range.
blank
blank
blank
blank
NOTE: (1) ±0.5%.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1992–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UAF42

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
149Kb / 6P
UNIVERSAL ACTIVE FILTER
UAF42 BURR-BROWN-UAF42 Datasheet
569Kb / 14P
FILTER DESIGN PROGRAM FOR THE UAF42 UNIVERSAL ACTIVE FILTER
logo
Texas Instruments
UAF42 TI1-UAF42 Datasheet
273Kb / 13P
UNIVERSAL ACTIVE FILTER
UAF42 TI2-UAF42 Datasheet
985Kb / 16P
UNIVERSAL ACTIVE FILTER
REVISED OCTOBER 2010
logo
Burr-Brown (TI)
UAF42AP BURR-BROWN-UAF42AP Datasheet
149Kb / 6P
UNIVERSAL ACTIVE FILTER
More results

Similar Description - UAF42

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
149Kb / 6P
UNIVERSAL ACTIVE FILTER
UAF42 BURR-BROWN-UAF42 Datasheet
569Kb / 14P
FILTER DESIGN PROGRAM FOR THE UAF42 UNIVERSAL ACTIVE FILTER
logo
National Semiconductor ...
AF151 NSC-AF151 Datasheet
268Kb / 9P
DUAL UNIVERSAL ACTIVE FILTER
AF100 NSC-AF100 Datasheet
578Kb / 18P
UNIVERSAL ACTIVE FILTER
logo
Burr-Brown (TI)
UAF11 BURR-BROWN-UAF11 Datasheet
680Kb / 8P
UNIVERSAL ACTIVE FILTERS
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Texas Instruments
UAF42 TI1-UAF42 Datasheet
273Kb / 13P
UNIVERSAL ACTIVE FILTER
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Mixed Signal Integratio...
MSUF MSI-MSUF Datasheet
709Kb / 8P
Resistor Programmable Universal Active Filter
MSUHF MSI-MSUHF Datasheet
80Kb / 7P
High Frequency Resistor Programmable Universal Active Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com