Electronic Components Datasheet Search
  English  ▼

X  

MB86342B Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB86342B
Description  Dolby Digital (AC-3) Decoder LSI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86342B Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB86342B Datasheet HTML 9Page - fujitsu semiconductor MB86342B Datasheet HTML 10Page - fujitsu semiconductor MB86342B Datasheet HTML 11Page - fujitsu semiconductor MB86342B Datasheet HTML 12Page - fujitsu semiconductor MB86342B Datasheet HTML 13Page - fujitsu semiconductor MB86342B Datasheet HTML 14Page - fujitsu semiconductor MB86342B Datasheet HTML 15Page - fujitsu semiconductor MB86342B Datasheet HTML 16Page - fujitsu semiconductor MB86342B Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
MB86342B
(6) LRCKI1, BCKI1, LRCKO, BCKO, SDO1 to 3 (Output Mode)
( VDD = 3.0 to 3.6V, VSS = 0V, Ta = 0 to +70
°C)
No.
Characteristics
Min.
Typ.
Max.
Unit
(1)
BCKI1, BCKO fall delay time
—
—
11
ns
(2)
BCKI1, BCKO rise delay time
—
—
11
ns
(3)
LRCKI1, LRCKO fall delay time
—
—
5
ns
(4)
LRCKI1, LRCKO rise delay time
—
—
5
ns
(5)
SDO1 to 3 delay time
—
—
7
ns
(6)
SDO1 to 3 hold time
0.5
—
—
ns
EXTIN
BCKI1(Outpput)
BCKO
LRCKI1(Output)
LRCKO
SDOI toSDO3
Vallid
(6)
(4)
(5)
(3)
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com