Electronic Components Datasheet Search
  English  ▼

X  

MB86342B Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB86342B
Description  Dolby Digital (AC-3) Decoder LSI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86342B Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB86342B Datasheet HTML 1Page - fujitsu semiconductor MB86342B Datasheet HTML 2Page - fujitsu semiconductor MB86342B Datasheet HTML 3Page - fujitsu semiconductor MB86342B Datasheet HTML 4Page - fujitsu semiconductor MB86342B Datasheet HTML 5Page - fujitsu semiconductor MB86342B Datasheet HTML 6Page - fujitsu semiconductor MB86342B Datasheet HTML 7Page - fujitsu semiconductor MB86342B Datasheet HTML 8Page - fujitsu semiconductor MB86342B Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
MB86342B
s PIN DESCRIPTION
Pin No.
Pin name
I/O
Function
5
MCLK1
I
Clock input
6
MCLK2
I/O
Clock input/output
1
XRST
I
Reset signal input
8
SCKO
O
System clock output
12
MS
I
Master/Slave select input
L: Master (X’tal) H:Slave (external clock)
16
SYNC
I
Synchronous/Asynchronous select input
2
EXTIN
I
System clock input (384fs)
13, 14
FS1, FS2
I
Sampling frequency switching signal input
7
KFSIO
I/O
Audio input/output clock (384fs)
9
PM
I
Test pin (usually clipped to GND)
10
PSTOP
I
PLL and crystal oscillator control signal
11
EXLOCK
I
Lock signal input of EXTIN
41
HCLK
I
Clock input for serial input-data of host interface
43
HDIN
I
Serial data input of host interface
44
HDOUT
O
Serial data output of host interface
42
HCS
I
Chip-select signal input of host interface
45
BST
I
Usually clipped to GND
30 to 32, 35 to 39
GP0 to GP7
I/O
Input/output of 8-bit general port data
17
LRCKI1
I/O
Sampling clock input/output for audio interface serial data
18
BCKI1
I/O
Bit clock input/output for audio interface serial data
20
LRCKI2
I
Sampling clock input for audio interface serial data
21
BCKI2
I
Bit clock input for audio interface serial data
19, 22
SD1, SD2
I
Serial data input of audio interface
23
LRCKO
O
Sampling clock output for audio interface serial data
24
BCKO
O
Bit clock output for audio interface serial data
25 to 27
SDO1 to SDO3
O
Serial data output of audio interface
46
MOD
I
Bus-mode control signal input
47
CS
O
Chip-select signal output for external SRAM interface
48
WE
O
Write enable signal output for external SRAM interface
49 to 52, 55 to 64, 66, 67 A00 to A15
O
Address data output of external SRAM interface
68 to 77,80 to 82
85 to 89, 91, 92
D00 to D19
I/O
Data input/output of external SRAM interface
93
ICCLK
O
Clock output for emulator
94
ICBRK
I
External break control signal input for emulator
95, 96
ICD0, ICD1
I/O
Input/output signal for data/address of emulator
97 to 99
ICS0 to ICS2
O
Status signal output for emulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com