Electronic Components Datasheet Search
  English  ▼

X  

MB86604 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB86604
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB86604 Datasheet HTML 9Page - fujitsu semiconductor MB86604 Datasheet HTML 10Page - fujitsu semiconductor MB86604 Datasheet HTML 11Page - fujitsu semiconductor MB86604 Datasheet HTML 12Page - fujitsu semiconductor MB86604 Datasheet HTML 13Page - fujitsu semiconductor MB86604 Datasheet HTML 14Page - fujitsu semiconductor MB86604 Datasheet HTML 15Page - fujitsu semiconductor MB86604 Datasheet HTML 16Page - fujitsu semiconductor MB86604 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
13
MB86604L
2.
I/O Pin Capacitance
(VDD = VI = 0 V, f = 1 MHz, Ta = +25
°C)
3.
Load Conditions for AC Characteristics
(VDD = +5 V±5%, VSS = 0 V, Ta = 0
°C to +70°C)
Parameter
Symbol
Value
Unit
Min.
Max.
Input pin capacitance
CIN
—6
pF
Output pin capacitance
COUT
—6
pF
I/O pin capacitance
Except SCSI pins
CI/O
—6
pF
SCSI pins
—
25
pF
RL1 = 110
Ω
Load resistance
RL2 = 165
Ω
Load capacitance
RL = 200 pF
INT, DREQ
60 pF
D15 to D8, UDP, D7 to D0, LDP
DMD15 to DMD8, UDMDP
85 pF
DMD7 to DMD0, LDMDP
Pin Symbol
CL
CL: Load capacitance
C L
Measurement
point
Measurement pin
MB86604L
C L
V DD
R L1
R L2
MB86604L
Measurement
point
Measurement pin
Non-SCSI pins
SCSI pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com