Electronic Components Datasheet Search
  English  ▼

X  

MB86604 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB86604
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB86604 Datasheet HTML 17Page - fujitsu semiconductor MB86604 Datasheet HTML 18Page - fujitsu semiconductor MB86604 Datasheet HTML 19Page - fujitsu semiconductor MB86604 Datasheet HTML 20Page - fujitsu semiconductor MB86604 Datasheet HTML 21Page - fujitsu semiconductor MB86604 Datasheet HTML 22Page - fujitsu semiconductor MB86604 Datasheet HTML 23Page - fujitsu semiconductor MB86604 Datasheet HTML 24Page - fujitsu semiconductor MB86604 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
21
MB86604L
• Register write timing (for external access)
* : The position number indicates the position in the waveform.
Parameter
Symbol
Value
Unit
Base signal
Position*
Min.
Max.
Address (A0) set up time
UDS/LDS “L”
tsuAE
A40
—
ns
Address (A0) hold time
UDS/LDS “H”
thAE
B20
—
ns
CS1 set up time
UDS/LDS “L”
tsuCS1
C20—
ns
CS1 hold time
UDS/LDS “H”
thCS1
D10—
ns
R/W set up time
UDS/LDS “L”
tsuRW
E20
—
ns
R/W hold time
UDS/LDS “H”
thRW
F20
—
ns
DMA data bus output delay time
UDS/LDS “L”
tvDMD
G
—
70
ns
DMA data bus output undefined time
UDS/LDS “H”
tDSDMD
H10—
ns
MPU data
→ DMA data bus output delay time
—
tDDMD
I
—
40
ns
A
B
D
F
Data
A0
CS1
R/W
UDS/LDS
I

!"
*+,-
56
!
'*+,
23456
Valid data
G
H
DMD15 to DMD8, UDMDP
DMD7 to DMD0, LDMDP
D15 to D8, UDP
D7 to D0, LDP
t suAE
t suCS1
t suRW
t vDMD
t DDMD
t DSDMD
t hRW
t hCS1
t hAE
C
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com