Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3755
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3755 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3755 Datasheet HTML 7Page - Linear Technology LT3755 Datasheet HTML 8Page - Linear Technology LT3755 Datasheet HTML 9Page - Linear Technology LT3755 Datasheet HTML 10Page - Linear Technology LT3755 Datasheet HTML 11Page - Linear Technology LT3755 Datasheet HTML 12Page - Linear Technology LT3755 Datasheet HTML 13Page - Linear Technology LT3755 Datasheet HTML 14Page - Linear Technology LT3755 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT3791-1
11
37911fa
For more information www.linear.com/LT3791-1
block DiagraM
0.2V
1.15V
0.4V
FB
–
+
A18
–
+
A9
3V
–
+
–
+
–
+
–
+
A8
A6
A5
1.75V
1.4µA
VC
OVLO
37911 BD
38
36
SS
2
PWMOUT
PWM
A17
INTVCC
31
SGND
30, 39
C/10
4
3
–
+
+
+
–
–
A12
1.2V
14µA
3µA
SHDN_INT
VREF
A11
A10
A16
A15
ISMON_INT
IVINMON_INT
CTRL
1
FB
37
SNSN
28
SNSP
27
BST2
22
TG2
SW2
INTVCC
INTVCC
21
SHORT
5
Q
SS RESET
SS LATCH
R
S
24
A13
SW1
16
TG1
BST1
15
14
BG2
19
A14
BG1
PWM
18
PGND
17
BUCK
LOGIC
–
+
A7
–
+
A3
–
+
A4
SS LATCH
SS_RESET
SHDN_INT
OSC
SLOPE_COMP_BOOST
SLOPE_COMP_BUCK
1.2V
EN/UVLO
9
IVINMON
8
ISMON
ISMON_INT
7
ISP
25
ISN
26
RT
35
CCM
32
SYNC
34
CLKOUT
33
A2
IVINMON_INT
IVINP
IVINN
10
11
VIN
SHDN_INT
12
VREF
6
INTVCC
13
A1
BOOST
LOGIC
REGS
A = 10
A = 10 A = 20
A = 24
TSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com