Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3755
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3755 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3755 Datasheet HTML 18Page - Linear Technology LT3755 Datasheet HTML 19Page - Linear Technology LT3755 Datasheet HTML 20Page - Linear Technology LT3755 Datasheet HTML 21Page - Linear Technology LT3755 Datasheet HTML 22Page - Linear Technology LT3755 Datasheet HTML 23Page - Linear Technology LT3755 Datasheet HTML 24Page - Linear Technology LT3755 Datasheet HTML 25Page - Linear Technology LT3755 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LT3791-1
22
37911fa
For more information www.linear.com/LT3791-1
applicaTions inForMaTion
n
The path formed by switch M1, switch M2, D1 and the
CIN capacitor should have short leads and PC trace
lengths. The path formed by switch M3, switch M4, D2
and the COUT capacitor also should have short leads
and PC trace lengths.
n
The output capacitor (–) terminals should be connected
as close as possible to the (–) terminals of the input
capacitor.
n
Connect the top driver bootstrap capacitor, C1, closely
to the BST1 and SW1 pins. Connect the top driver
bootstrap capacitor, C2, closely to the BST2 and SW2
pins.
n
Connecttheinputcapacitors,CIN,andoutputcapacitors,
COUT, closely to the power MOSFETs. These capaci-
tors carry the MOSFET AC current in boost and buck
operation.
n
Route SNSN and SNSP leads together with minimum
PC trace spacing. Avoid sense lines pass through noisy
areas, such as switch nodes. Ensure accurate current
sensing with Kelvin connections at the SENSE resistor.
n
Connect the VC pin compensation network close to the
IC, between VC and the signal ground pins. The capaci-
tor helps to filter the effects of PCB noise and output
voltage ripple voltage from the compensation loop.
n
ConnecttheINTVCCbypasscapacitor,CVCC,closetothe
IC,betweentheINTVCCandthepowergroundpins.This
capacitorcarriestheMOSFETdrivers’currentpeaks.An
additional 0.1µF ceramic capacitor placed immediately
next to the INTVCC and PGND pins can help improve
noise performance substantially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com