Electronic Components Datasheet Search
  English  ▼

X  

LT3755-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3755-2
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3755-2 Datasheet(HTML) 1 Page - Linear Technology

  LT3755-2 Datasheet HTML 1Page - Linear Technology LT3755-2 Datasheet HTML 2Page - Linear Technology LT3755-2 Datasheet HTML 3Page - Linear Technology LT3755-2 Datasheet HTML 4Page - Linear Technology LT3755-2 Datasheet HTML 5Page - Linear Technology LT3755-2 Datasheet HTML 6Page - Linear Technology LT3755-2 Datasheet HTML 7Page - Linear Technology LT3755-2 Datasheet HTML 8Page - Linear Technology LT3755-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT3791-1
1
37911fa
For more information www.linear.com/LT3791-1
Typical applicaTion
FeaTures
DescripTion
60V 4-Switch Synchronous
Buck-Boost Controller
TheLT®3791-1isasynchronous4-switchbuck-boostvolt-
age/currentregulatorcontroller.Thecontrollercanregulate
output voltage, output current, or input current with input
voltages above, below, or equal to the output voltage. The
constant-frequency, current mode architecture allows its
frequency to be adjusted or synchronized from 200kHz
to 700kHz. No top FET refresh switching cycle is needed
in buck or boost operation. With 60V input, 60V output
capability and seamless transitions between operating
regions, the LT3791-1 is ideal for voltage regulator, bat-
tery/super-capacitor charger applications in automotive,
industrial, telecom, and even battery-powered systems.
The LT3791-1 provides input current monitor, output
current monitor, and various status flags, such as C/10
charge termination and shorted output flag.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
120W (24V 5A) Buck-Boost Voltage Regulator
applicaTions
n
4-Switch Single Inductor Architecture Allows VIN
Above, Below or Equal to VOUT
n
Synchronous Switching: Up to 98.5% Efficiency
n
Wide VIN Range: 4.7V to 60V
n
2% Output Voltage Accuracy: 1.2V ≤ VOUT < 60V
n
6% Output Current Accuracy: 0V ≤ VOUT < 60V
n
Input and Output Current Regulation with Current
Monitor Outputs
n
No Top FET Refresh in Buck or Boost
n
VOUT Disconnected from VIN During Shutdown
n
C/10 Charge Termination and Output Shorted Flags
n
Capable of 100W or greater per IC
n
38-Lead TSSOP with Exposed Pad
Efficiency vs Load Current
n
Automotive, Telecom, Industrial Systems
n
High Power Battery-Powered System
LOAD CURRENT (A)
0
1
90
95
100
37911 TA01b
80
70
60
85
75
65
2
3
4
5
VIN = 12V
VIN = 24V
VIN = 54V
VIN
12V TO
58V
INTVCC
TG1
BG1
SNSP
SNSN
BST1
BST2
BG2
PGND
SW2
TG2
RT
LT3791-1
SWI
SHORT
C/10
CCM
470nF
IVINN
VIN
IVINP
IVINMON
ISMON
CLKOUT
PWMOUT
TEST1
EN/UVLO
OVLO
VREF
PWM
CTRL
147k
200kHz
VC
SYNC
SS
SGND
1µF
499k
56.2k
100k
499k
27.4k
INTVCC
0.1µF
33nF
10nF
37911 TA01a
0.004
ISP
ISN
FB
0.1µF
10µH
0.1µF
4.7µF
4.7µF
50V
×2
4.7µF
100V
47µF
80V
0.015
VOUT
24V
5A
73.2k
3.83k
5.1k
+
220µF
35V
+
100k
200k
0.003
50


Similar Part No. - LT3755-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755-2 LINER-LT3755-2 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3755-2 LINEAR_DIMENSIONS-LT3755-2 Datasheet
355Kb / 26P
40VIN, 75VOUT LED Controllers
logo
Linear Integrated Syste...
LT3755-2 LINEAR-LT3755-2 Datasheet
2Mb / 30P
36V, 2A Synchronous Step-Up LED Driver
logo
Analog Devices
LT3755-2 AD-LT3755-2 Datasheet
504Kb / 28P
40VIN, 75VOUT LED Controllers
10/19-REV.E
LT3755-2 AD-LT3755-2 Datasheet
399Kb / 26P
100VIN, 100VOUT LED Controller
02/20-REV.C
More results

Similar Description - LT3755-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
60V Four-Switch Synchronous Buck-Boost Controller
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
LT8390 LINER-LT8390 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8390A LINER-LT8390A Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
LT8392 AD-LT8392 Datasheet
2Mb / 28P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
ISL81601 RENESAS-ISL81601 Datasheet
2Mb / 54P
60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
May 27, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com