Electronic Components Datasheet Search
  English  ▼

X  

LT3755-2 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3755-2
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3755-2 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3755-2 Datasheet HTML 9Page - Linear Technology LT3755-2 Datasheet HTML 10Page - Linear Technology LT3755-2 Datasheet HTML 11Page - Linear Technology LT3755-2 Datasheet HTML 12Page - Linear Technology LT3755-2 Datasheet HTML 13Page - Linear Technology LT3755-2 Datasheet HTML 14Page - Linear Technology LT3755-2 Datasheet HTML 15Page - Linear Technology LT3755-2 Datasheet HTML 16Page - Linear Technology LT3755-2 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT3791-1
13
37911fa
For more information www.linear.com/LT3791-1
operaTion
Buck Region (VIN > VOUT)
Switch M4 is always on and switch M3 is always off during
this mode. At the start of every cycle, synchronous switch
M2 is turned on first. Inductor current is sensed when
synchronous switch M2 is turned on. After the sensed
inductor current falls below the reference voltage, which
is proportional to VC, synchronous switch M2 is turned off
and switch M1 is turned on for the remainder of the cycle.
Switches M1 and M2 will alternate, behaving like a typical
synchronous buck regulator. The duty cycle of switch M1
increases until the maximum duty cycle of the converter
in buck operation reaches DMAX(BUCK, TG1), given by:
DMAX(BUCK,TG1) = 100% – D(BUCK-BOOST)
where D(BUCK-BOOST) is the duty cycle of the buck-boost
switch range:
D(BUCK-BOOST) = 8%
Figure 3 shows typical buck operation waveforms. If VIN
approaches VOUT, the buck-boost region is reached.
Buck-Boost Region (VIN ~ VOUT)
When VIN is close to VOUT, the controller is in buck-boost
operation.Figure4andFigure5showtypicalwaveformsin
thisoperation.Everycyclethecontrollerturnsonswitches
M2 and M4, then M1 and M4 are turned on until 180° later
when switches M1 and M3 turn on, and then switches
M1 and M4 are turned on for the remainder of the cycle.
Boost Region (VIN < VOUT)
Switch M1 is always on and synchronous switch M2 is
always off in boost operation. Every cycle switch M3 is
turned on first. Inductor current is sensed when synchro-
nous switch M3 is turned on. After the sensed inductor
currentexceedsthereferencevoltagewhichisproportional
to VC, switch M3 turns off and synchronous switch M4
is turned on for the remainder of the cycle. Switches M3
and M4 alternate, behaving like a typical synchronous
boost regulator.
The duty cycle of switch M3 decreases until the minimum
duty cycle of the converter in boost operation reaches
DMIN(BOOST,BG2), given by:
DMIN(BOOST,BG2) = D(BUCK-BOOST)
where D(BUCK-BOOST) is the duty cycle of the buck-boost
switch range:
D(BUCK-BOOST) = 8%
Figure 6 shows typical boost operation waveforms. If VIN
approaches VOUT, the buck-boost region is reached.
Low Current Operation
TheLT3791-1isrecommendedtoruninforcedcontinuous
conduction mode at heavy load by pulling the CCM pin
higher than 1.5V. In this mode the controller behaves as
a continuous, PWM current mode synchronous switching
regulator. In boost operation, switch M1 is always on,
switch M3 and synchronous switch M4 are alternately
turned on to maintain the output voltage independent
of the direction of inductor current. In buck operation,
synchronous switch M4 is always on, switch M1 and syn-
chronous switch M2 are alternately turned on to maintain
the output voltage independent of the direction of inductor
current. In the forced continuous mode, the output can
source or sink current.
However, reverse inductor current from the output to the
input is not desired for certain applications. For these ap-
plications, the CCM pin must be connected to C/10 (pin 4)
with a pull-up resistor to INTVCC (see front page Typical
Application). Therefore, the CCM pin will be pulled lower
than 0.3V for discontinuous conduction mode by the C/10
pin when the output current is low. In this mode, switch
M4 turns off when the inductor current flows negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com