Electronic Components Datasheet Search
  English  ▼

X  

UCC28713 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28713
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28713 Datasheet(HTML) 2 Page - Texas Instruments

  UCC28713 Datasheet HTML 1Page - Texas Instruments UCC28713 Datasheet HTML 2Page - Texas Instruments UCC28713 Datasheet HTML 3Page - Texas Instruments UCC28713 Datasheet HTML 4Page - Texas Instruments UCC28713 Datasheet HTML 5Page - Texas Instruments UCC28713 Datasheet HTML 6Page - Texas Instruments UCC28713 Datasheet HTML 7Page - Texas Instruments UCC28713 Datasheet HTML 8Page - Texas Instruments UCC28713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
UCC28710, UCC28711
UCC28712, UCC28713
UCC28714, UCC28715
SLUSB86 – NOVEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. PRODUCT INFORMATION(1)(2)
PACKAGE
PINS
MINIMUM
ORDERABLE
SWITCHING
OPTIONS
DEVICES
FREQUENCY (Hz)
UCC28710D
Programmable cable compensation
NTC option, 0-mV (at 5-V output) cable
UCC28711D
compensation
680
NTC option, 150-mV (at 5-V output) cable
UCC28712D
compensation
SOIC (D)
7
NTC option, 300-mV (at 5-V output) cable
UCC28713D
compensation
UCC28714D
340
Programmable cable compensation
UCC28715D
1500
Programmable cable compensation
(1)
See Orderable Addendum for specific device ordering information.
(2)
For other fixed cable compensation options, please consult the factory.
ABSOLUTE MAXIMUM RATINGS
(1)
MIN
MAX
UNIT
Start-up pin voltage, HV
VHV
700
V
Bias supply voltage, VDD
VVDD
38
Continuous gate current sink
IDRV
50
Continuous gate current source
IDRV
Self- limiting
mA
Peak current, VS
IVS
−1.2
Gate drive voltage at DRV
VDRV
−0.5
Self- limiting
VS
−0.75
7
V
Voltage range
CS, CBC, NTC
−0.5
5
Operating junction temperature range
TJ
−55
150
Storage temperature
TSTG
−65
150
°C
Lead temperature 0.6 mm from case for 10 seconds
260
Human-body model (HBM)
2000
ESD rating
V
Charged-device model (CDM)
500
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages
are with respect to GND. Currents are positive into, negative out of the specified terminal. These ratings apply over the operating
ambient temperature ranges unless otherwise noted.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: UCC28710, UCC28711 UCC28712, UCC28713 UCC28714, UCC28715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com