Electronic Components Datasheet Search
  English  ▼

X  

UCC28713 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28713
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28713 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC28713 Datasheet HTML 17Page - Texas Instruments UCC28713 Datasheet HTML 18Page - Texas Instruments UCC28713 Datasheet HTML 19Page - Texas Instruments UCC28713 Datasheet HTML 20Page - Texas Instruments UCC28713 Datasheet HTML 21Page - Texas Instruments UCC28713 Datasheet HTML 22Page - Texas Instruments UCC28713 Datasheet HTML 23Page - Texas Instruments UCC28713 Datasheet HTML 24Page - Texas Instruments UCC28713 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
UCC28710, UCC28711
UCC28712, UCC28713
UCC28714, UCC28715
www.ti.com
SLUSB86 – NOVEMBER 2012
Voltage Terms in Volts
•
VBLK: highest bulk capacitor voltage for stand-by power measurement.
•
VBULK(min): minimum voltage on CB1 and CB2 at full power.
•
VOCBC: target cable compensation voltage at the output terminals.
•
VCBC(max): maximum voltage at the CBC pin at the maximum converter output current (see ELECTRICAL
CHARACTERISTICS).
•
VCCR: constant-current regulating voltage (see ELECTRICAL CHARACTERISTICS).
•
VCST(max): CS pin maximum current-sense threshold (see ELECTRICAL CHARACTERISTICS).
•
VCST(min): CS pin minimum current-sense threshold (see ELECTRICAL CHARACTERISTICS).
•
VDD(off): UVLO turn-off voltage (see ELECTRICAL CHARACTERISTICS).
•
VDD(on): UVLO turn-on voltage (see ELECTRICAL CHARACTERISTICS).
•
VOΔ: output voltage drop allowed during the load-step transient.
•
VDSPK: peak MOSFET drain-to-source voltage at high line.
•
VF: secondary rectifier forward voltage drop at near-zero current.
•
VFA: auxiliary rectifier forward voltage drop.
•
VLK: estimated leakage inductance energy reset voltage.
•
VOCV: regulated output voltage of the converter.
•
VOCC: target lowest converter output voltage in constant-current regulation.
•
VREV: peak reverse voltage on the secondary rectifier.
•
VRIPPLE: output peak-to-peak ripple voltage at full-load.
•
VVSR: CV regulating level at the VS input (see ELECTRICAL CHARACTERISTICS).
AC Voltage Terms in VRMS
•
VIN(max): maximum input voltage to the converter.
•
VIN(min): minimum input voltage to the converter.
•
VIN(run): converter input start-up (run) voltage.
Efficiency Terms
•
ηSB: estimated efficiency of the converter at no-load condition, not including start-up resistance or bias losses.
For a 5-V USB charger application, 60% to 65% is a good initial estimate.
•
η: converter overall efficiency.
•
ηXFMR: transformer primary-to-secondary power transfer efficiency.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: UCC28710, UCC28711 UCC28712, UCC28713 UCC28714, UCC28715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com