Electronic Components Datasheet Search
  English  ▼

X  

LT3743 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3743
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3743 Datasheet HTML 15Page - Linear Technology LT3743 Datasheet HTML 16Page - Linear Technology LT3743 Datasheet HTML 17Page - Linear Technology LT3743 Datasheet HTML 18Page - Linear Technology LT3743 Datasheet HTML 19Page - Linear Technology LT3743 Datasheet HTML 20Page - Linear Technology LT3743 Datasheet HTML 21Page - Linear Technology LT3743 Datasheet HTML 22Page - Linear Technology LT3743 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT3791-1
19
37911fa
For more information www.linear.com/LT3791-1
Soft-Start
Soft-startreducestheinputpowersources’surgecurrents
by gradually increasing the controller’s current limit (pro-
portional to an internally buffered clamped equivalent of
VC). The soft-start interval is set by the soft-start capacitor
selection according to the following equation
tSS =
1.2V
14µA
• CSS
A 100k resistor must be placed between SS and VREF for
theLT3791-1.This100kresistoralsocontributestheextra
SS charge current. Make sure CSS is large enough when
there is loading during start-up.
Loop Compensation
The LT3791-1 uses an internal transconductance error
amplifier whose VC output compensates the control loop.
Theexternalinductor,outputcapacitorandthecompensa-
tion resistor and capacitor determine the loop stability.
The inductor and output capacitor are chosen based on
performance,sizeandcost.Thecompensationresistorand
capacitor at VC are set to optimize control loop response
andstability.Fortypicalapplications,a10nFcompensation
capacitor at VC is adequate, and a series resistor should
always be used to increase the slew rate on the VC pin to
maintain tighter regulation of output current during fast
transients on the input supply of the converter.
Power MOSFET Selections and Efficiency
Considerations
The LT3791-1 requires four external N-channel power
MOSFETs, two for the top switches (switch M1 and M4,
showninFigure1)andtwoforthebottomswitches(switch
M2 and M3 shown in Figure 1). Important parameters for
the power MOSFETs are the breakdown voltage, VBR(DSS),
thresholdvoltage,VGS(TH),on-resistance,RDS(ON),reverse
transfercapacitance,CRSS,andmaximumcurrent,IDS(MAX).
The drive voltage is set by the 5V INTVCC supply. Con-
sequently, logic-level threshold MOSFETs must be used
in LT3791-1 applications. If the input voltage is expected
to drop below the 5V, then sub-logic threshold MOSFETs
should be considered.
In order to select the power MOSFETs, the power dis-
sipated by the device must be known. For switch M1, the
maximum power dissipation happens in boost operation,
when it remains on all the time. Its maximum power dis-
sipation at maximum output current is given by:
PM1(BOOST) =
ILED • VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
2
• ρT •RDS(ON)
where ρT is a normalization factor (unity at 25°C)
accounting for the significant variation in on-resistance
withtemperature,typically0.4%/°CasshowninFigure 10.
For a maximum junction temperature of 125°C, using a
value of ρT = 1.5 is reasonable.
Switch M2 operates in buck operation as the synchronous
rectifier. Its power dissipation at maximum output current
is given by:
PM2(BUCK) =
VIN – VOUT
VIN
•ILED2 •ρT •RDS(ON)
Switch M3 operates in boost operation as the control
switch. Its power dissipation at maximum current is
given by:
PM3(BOOST) =
VOUT – VIN
(
) • VOUT
VIN2
•ILED2 •ρT •RDS(ON)
+ k • VOUT3 •
ILED
VIN
• CRSS • f
where CRSS is usually specified by the MOSFET manufac-
turers. The constant k, which accounts for the loss caused
by reverse-recovery current, is inversely proportional to
the gate drive current and has an empirical value of 1.7.
For switch M4, the maximum power dissipation happens
in boost operation, when its duty cycle is higher than
50%. Its maximum power dissipation at maximum output
current is given by:
PM4(BOOST) =
VIN
VOUT
•
ILED • VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
2
• ρT •RDS(ON)
For the same output voltage and current, switch M1 has
the highest power dissipation and switch M2 has the low-
est power dissipation unless a short occurs at the output.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com