Electronic Components Datasheet Search
  English  ▼

X  

LT3743 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3743
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743 Datasheet(HTML) 3 Page - Linear Technology

  LT3743 Datasheet HTML 1Page - Linear Technology LT3743 Datasheet HTML 2Page - Linear Technology LT3743 Datasheet HTML 3Page - Linear Technology LT3743 Datasheet HTML 4Page - Linear Technology LT3743 Datasheet HTML 5Page - Linear Technology LT3743 Datasheet HTML 6Page - Linear Technology LT3743 Datasheet HTML 7Page - Linear Technology LT3743 Datasheet HTML 8Page - Linear Technology LT3743 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT3791-1
3
37911fa
For more information www.linear.com/LT3791-1
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VEN/UVLO = 12V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Inputs
EN/UVLO Falling Threshold
l
1.16
1.2
1.24
V
EN/UVLO Rising Hysteresis
15
mV
EN/UVLO Input Low Voltage
IVIN Drops Below 1µA
0.3
V
EN/UVLO Pin Bias Current Low
VEN/UVLO = 1V
2
3
4
µA
EN/UVLO Pin Bias Current High
VEN/UVLO = 1.6V
10
100
nA
CCM Threshold Voltage
0.3
1.5
V
CTRL Input Bias Current
VCTRL = 1V
20
50
nA
CTRL Latch-Off Threshold
175
mV
OVLO Rising Shutdown Voltage
l
2.85
3
3.15
V
OVLO Falling Hysteresis
75
mV
Regulation
VREF Voltage
l
1.96
2.00
2.04
V
VREF Line Regulation
4.7V < VIN < 60V
0.002
0.04
%/V
V(ISP-ISN) Threshold
VCTRL = 2V
l
97.5
94
100
100
102.5
106
mV
mV
VCTRL = 1100mV
l
87
84
90
90
93
96
mV
mV
VCTRL = 700mV
l
47.5
46
50
50
52.5
54
mV
mV
VCTRL = 300mV
l
6.5
5
10
10
13.5
15
mV
mV
ISP Bias Current
110
µA
ISN Bias Current
20
µA
Output Current Sense Common Mode Range
0
60
V
Output Current Sense Amplifier gm
890
µS
ISMON Monitor Voltage
V(ISP-ISN) = 100mV
l
0.96
1
1.04
V
Input Current Sense Threshold V(IVINP-IVINN)
3V ≤ VIVINP ≤ 60V
l
46.5
50
54
mV
IVINP Bias Current
90
µA
IVINN Bias Current
20
µA
Input Current Sense Common Mode Range
3
60
V
Input Current Sense Amplifier gm
2.12
mS
IVINMON Monitor Voltage
V(IVINP-IVINN) = 50mV
l
0.96
1
1.04
V
FB Regulation Voltage
l
1.194
1.176
1.2
1.2
1.206
1.220
V
V
FB Line Regulation
4.7V < VIN < 60V
0.002
0.025
%/V
FB Amplifier gm
565
µS
FB Pin Input Bias Current
FB in Regulation
100
150
nA
VC Standby Input Bias Current
PWM = 0V
–20
20
nA
VSENSE(MAX) (VSNSP-SNSN)
Boost
Buck
l
l
42
–56
51
–47.5
60
–39
mV
mV
Fault
SS Pull-Up Current
VSS = 0V
14
µA
SS Discharge Current
1.4
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com