Electronic Components Datasheet Search
  English  ▼

X  

RA0108A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RA0108A
Description  Bridge Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0108A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RA0108A Datasheet HTML 1Page - Solid States Devices, Inc RA0108A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0108A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPA516L-3HF
Electrical Characteristic (per leg) 3/
Symbol
Value
Units
Instantaneous Forward Voltage Drop
(300 - 500µsec pulse)
IF = 1 A
VF1
6.0
Vdc
Reverse Leakage Current
(Rated VR, 300µs pulse minimum)
TA = 25ºC
TA = 100ºC
IR1
IR2
10
400
A
A
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA)
tRR
30
nsec
Isolation Resistance
(All terminals in common to case)
6000 V
RISO
1.0
GΩ
CASE OUTLINE: SPA516



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com