Electronic Components Datasheet Search
  English  ▼

X  

RA0108A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0108A
Description  Bridge Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0108A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0108A Datasheet HTML 1Page - Solid States Devices, Inc RA0108A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0108A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SPA516L-3 HF __
│
│
│
│
│
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
└ Recovery Time
HF = Hyper Fast Recovery
SPA516L-3HF
1 Amp, 30 nsec
Hyper Fast Recovery
Dual Single Phase
Bridge Assembly
Features:
 Hyper fast recovery: 30 nsec maximum
 2700 volt blocking voltage
 6000 volt dielectric voltage
 Average output current: 1 amps
 Low reverse leakage current
 Glass passivated rectifiers
 Hermetically sealed discretes
 Aluminum base for maximum thermal conductivity
 TX, TXV & S level screening available
Maximum Ratings3/
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
VRRM
VRWM
VR
2700
Volts
Average Rectified Forward Current
(Resistive load, 60Hz, Sine Wave)
TC = 25°C
TC = 100°C
IO
1
0.5
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TC = 25°C, per leg)
IFSM
25
Amps
Operating & Storage Temperature
Junction Temperature
Top & Tstg
TJ
-55 to +150
-55 to +175
ºC
Maximum Thermal Resistance
Junction to Case
Per Assembly
RJC
2.5
ºC/W
Notes:
SPA516L-3HF
1/ For ordering information, price, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all maximum ratings/electrical characteristics @25ºC.


Similar Part No. - RA0108A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0108A SSDI-RA0108A_15 Datasheet
84Kb / 2P
Bridge Assembly
More results

Similar Description - RA0108A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SCP-4488 SENSITRON-SCP-4488 Datasheet
61Kb / 3P
BRIDGE RECTIFIER ASSEMBLY
logo
Solid States Devices, I...
SDA130A SSDI-SDA130A Datasheet
238Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
PM0022 SSDI-PM0022 Datasheet
48Kb / 2P
DIODE BRIDGE ASSEMBLY
RA0005C SSDI-RA0005C Datasheet
116Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
RA0042C SSDI-RA0042C Datasheet
153Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
RA0042C SSDI-RA0042C_15 Datasheet
153Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
PM0021 SSDI-PM0021_15 Datasheet
45Kb / 2P
DIODE BRIDGE ASSEMBLY
PM0022 SSDI-PM0022_15 Datasheet
48Kb / 2P
DIODE BRIDGE ASSEMBLY
RA0005C SSDI-RA0005C_15 Datasheet
116Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
RA0108A SSDI-RA0108A_15 Datasheet
84Kb / 2P
Bridge Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com