Electronic Components Datasheet Search
  English  ▼

X  

RC0059F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0059F
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0059F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0059F Datasheet HTML 1Page - Solid States Devices, Inc RC0059F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0059F
DOC
PACKAGE OUTLINE: Axial
B
ØC
ØA
D
D
DIMENSIONS
DIM
MIN
MAX
A
---
0.180”
B
.230”
.270”
C
0.047”
0.053”
D
1.00”
––
PACKAGE OUTLINE: Surface Mount Square Tab
C
B
A
A
D
DIMENSIONS
DIM
MIN
MAX
A
0.195”
0.205”
B
0.280”
0.320”
C
0.020”
0.030”
D
0.002”
––
A*
0.170”
0.180”
*SMT, Small Tab Version
Notes:
Consult manufacturing for operating curves.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDH20UF thru SDH60UF
Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com