Electronic Components Datasheet Search
  English  ▼

X  

RC0059F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0059F
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0059F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0059F Datasheet HTML 1Page - Solid States Devices, Inc RC0059F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0059F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
SDH __ UF __ __
L
L
L
Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
L Package
___ = Axial
SMS = Surface Mount Square Tab
SMT = Small Surface Mount Square Tab
Recovery Time
UF = Ultra Fast
Voltage
20 = 2000 V
25 = 2500 V
30 = 3000 V
40 = 4000 V
50 = 5000 V
60 = 6000 V
SDH20UF thru SDH60UF
Series
1-1.5 AMP
2000-6000 VOLTS
ULTRA FAST RECOVERY
HIGH VOLTAGE
RECTIFIER
FEATURES:
Ultra Fast Recovery: 90 nsec Maximum
PIV to 6000 Volts
Hermetically Sealed Axial and Surface Mount
Package
Void-Free Construction
Metallurgically Bonded
175°C Maximum Operating Temperature
Replacement for 1N6512 thru 1N6518 and
1N6520 thru 1N6526 in Many Applications
TX, TXV, and Space Level Screening Available
2/
Available in Fast and Hyper Fast Versions.
Contact Factory.
ELECTRICAL CHARACTERISTICS
Part
Number
Peak
Inverse
Voltage
Average
Rectifier
Current
Maximum
Reverse Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(1 Cycle)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Impedance
Symbol
PIV
I0
IR
VF
IFSM
tRR
CJ
θJE
θJL
Units
Volts
A
A
Volts
Amps
nsec
pF
°C/W
Conditions
25°C
100°C
25°C
100°C
25°C
25°C
25°C
VR = 100V
fT = 1MHZ
L =
1/8”
SDH20UF
2000
1.5
1.0
1.0
25
7.5
60
90
10
4
8
SDH25UF
2500
1.5
1.0
1.0
25
7.5
60
90
10
4
8
SDH30UF
3000
1.5
1.0
1.0
25
7.5
60
90
10
4
8
SDH40UF
4000
1.0
0.5
1.0
25
10.5
40
90
8
4
8
SDH50UF
5000
1.0
0.5
1.0
25
10.5
40
90
8
4
8
SDH60UF
6000
1.0
0.5
1.0
25
10.5
40
90
8
4
8
1/ For Ordering Information, Price, and Availability – Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in a
suitable dielectric material.
4/ IF = IO; Max. forward voltage measured with instantaneous forward pulse of 300µsec
minimum.
5/ Max. Lead/End Tab temp. for soldering is 250°C, 3/8” from case for 5 sec maximum.
6/ Operating and storage temperature: -65°C to +175°C.
7/ Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=.25A, TA=25°C.
Axial
Surface Mount
Square Tab


Similar Part No. - RC0059F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0059F SSDI-RC0059F_15 Datasheet
82Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - RC0059F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com