Electronic Components Datasheet Search
  English  ▼

X  

RC0062 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0062
Description  DIODE ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0062 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0062 Datasheet HTML 1Page - Solid States Devices, Inc RC0062 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
VDC
Instantaneous Forward Voltage Drop
(IF = 2.5ADC, 300 - 500
:s Pulse)
0.7
0.8
2.0
VF1
VF2
VF3
mA
:A
mA
3.0
50
3.0
Reverse Leakage Current
(VR = 9VDC, 300
:s min Pulse)
CASE OUTLINE: BDA
Electrical Characteristics
SYMBOL
UNITS
MAX
BVR1
BVR2
BVR3
--
Reverse Blocking Voltage
(IR = 5mADC, 300
:s min Pulse)
VDC
SPB-002
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
--
--
--
--
--
--
MIN
TA = 150
oC
TA = 25
oC
TA = -100
oC
IR1
IR2
IR3
15
20
15
TA = 150
oC
TA = 25
oC
TA = -100
oC
NOTES:
Consult manufacturing for operating curves.
TA = 150
oC
TA = 25
oC
TA = -100
oC
.0035
MAX
2x .030
.245
MAX
5.145
4.900
2.440 MAX
.750 MIN
2.360 MAX
.018
MAX
-
--
--



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com