Electronic Components Datasheet Search
  English  ▼

X  

RC0062 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0062
Description  DIODE ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0062 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0062 Datasheet HTML 1Page - Solid States Devices, Inc RC0062 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
10 AMP
20 VOLTS
BYPASS
DIODE ASSEMBLY
SPB-002
Maximum Ratings
20
150
Amps
10
Amps
Io
IFSM
Volts
SYMBOL
UNITS
VALUE
VR
R2JC
0.8
DC Blocking Voltage
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, allow junction to reach
equilibrium between pulses, TA = 25
oC)
Maximum Thermal Resistance
Junction Case
Average Rectified Forward Current
(Resistive Load, TC = 150
oC)
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0062B
• Designed for Space Use on Flexible Solar Pannels
• Hermetically Sealed.
• Wide Temperature Range: -100 to +150oC
• Qualified Design to 20,000 Temperature Cycles
• Flexible Leads - Welded or Soldered Termination
• Large Radiation Surface for Operation without Heatsink
oC
-100 TO +150
TOP & TSTG
Operating and Storage Temperature
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
BDA


Similar Part No. - RC0062

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0062 SSDI-RC0062_15 Datasheet
50Kb / 2P
DIODE ASSEMBLY
More results

Similar Description - RC0062

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPB-002 SSDI-SPB-002 Datasheet
49Kb / 2P
10 AMP 20 VOLTS BYPASS DIODE ASSEMBLY
PM0021 SSDI-PM0021 Datasheet
45Kb / 2P
DIODE BRIDGE ASSEMBLY
PM0022 SSDI-PM0022 Datasheet
48Kb / 2P
DIODE BRIDGE ASSEMBLY
PM0021 SSDI-PM0021_15 Datasheet
45Kb / 2P
DIODE BRIDGE ASSEMBLY
PM0022 SSDI-PM0022_15 Datasheet
48Kb / 2P
DIODE BRIDGE ASSEMBLY
RC0062 SSDI-RC0062_15 Datasheet
50Kb / 2P
DIODE ASSEMBLY
logo
Roithner LaserTechnik G...
LDA-38 ROITHNER-LDA-38 Datasheet
459Kb / 2P
laser diode assembly
LDA-56 ROITHNER-LDA-56 Datasheet
470Kb / 2P
laser diode assembly
LDA-90 ROITHNER-LDA-90 Datasheet
466Kb / 2P
laser diode assembly
logo
Solid States Devices, I...
RS0219 SSDI-RS0219_15 Datasheet
173Kb / 2P
POSITIVE SCHOTTKY DIODE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com