Electronic Components Datasheet Search
  English  ▼

X  

MB88141AP Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB88141AP
Description  D/A Converter for Digital Tuning (Compatible with I2C Bus)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88141AP Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB88141AP Datasheet HTML 1Page - fujitsu semiconductor MB88141AP Datasheet HTML 2Page - fujitsu semiconductor MB88141AP Datasheet HTML 3Page - fujitsu semiconductor MB88141AP Datasheet HTML 4Page - fujitsu semiconductor MB88141AP Datasheet HTML 5Page - fujitsu semiconductor MB88141AP Datasheet HTML 6Page - fujitsu semiconductor MB88141AP Datasheet HTML 7Page - fujitsu semiconductor MB88141AP Datasheet HTML 8Page - fujitsu semiconductor MB88141AP Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MB88141A
4
s
s
s
s PIN DESCRIPTION
*1: The MOD and CS0-CS2 pins should be used with fixed level input.
*2: When using the I/O expander function together with the D/A converter function, take care that D/A converter
output precision is within a range that will not affect overall system operation.
Pin no.
Symbol
Circuit Type
I/O
Description
21
SDA
C
I/O
I2C bus data input/output pin (hysteresis input).
Outputs the acknowledge signal.
20
SCL
B
I
I2C bus shift clock input pin (hysteresis input) .
19
MOD
A
I
D/A converter and I/O expander mode switching pin. *1, *2
Input “L” to operate as a D/A converter, “H” to operate as I/O
expander and D/A converter.
16
17
18
CS0
CS1
CS2
AI
These pins set the lower 3 bits of the slave address. *1
This allows up to eight MB88141A chips to be used on the same
bus line.
1
2
3
4
AO1
AO2
AO3
AO4
D
O
8-bit D/A outputs with OP Amp. *2
5
6
7
8
9
10
11
12
AO5/D7
AO6/D6
AO7/D5
AO8/D4
AO9/D3
AO10/D2
AO11/D1
AO12/D0
EI/O
8-bit D/A outputs with OP Amp. *2
In I/O expander operation, these pins function as parallel data in-
put/output pins.
13
VCC
Power supply
Power supply pin for digital circuits and OP Amp.
24
GND
GND
GND pin for digital circuits and OP Amp.
22
VDD1
Power supply
Reference power supply pin for D/A converter (H) . AO1 to AO4.
23
VSS1
Power supply
Reference power supply pin for D/A converter (L) . AO1 to AO4.
15
VDD2
Power supply
Reference power supply pin for D/A converter (H) . AO5 to AO12.
14
VSS2
Power supply
Reference power supply pin for D/A converter (L) . AO5 to AO12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com