Electronic Components Datasheet Search
  English  ▼

X  

MB88141AP Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB88141AP
Description  D/A Converter for Digital Tuning (Compatible with I2C Bus)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88141AP Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB88141AP Datasheet HTML 14Page - fujitsu semiconductor MB88141AP Datasheet HTML 15Page - fujitsu semiconductor MB88141AP Datasheet HTML 16Page - fujitsu semiconductor MB88141AP Datasheet HTML 17Page - fujitsu semiconductor MB88141AP Datasheet HTML 18Page - fujitsu semiconductor MB88141AP Datasheet HTML 19Page - fujitsu semiconductor MB88141AP Datasheet HTML 20Page - fujitsu semiconductor MB88141AP Datasheet HTML 21Page - fujitsu semiconductor MB88141AP Datasheet HTML 22Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MB88141A
21
(Continued)
24-pin plastic SSOP
(FPT-24P-M03)
Note) * marked dimensions do not include resin residues.
Dimensions in mm (inches)
C
2000 FUJITSU LIMITED F24018S-2C-3
0.50±0.20
(.020±.008)
0.10±0.10(.004±.004)
(STAND OFF)
0
10°
Details of "A" part
7.75±0.10(.305±.004)
0.65±0.12(.0256±.0047)
7.15(.281)REF
6.60(.260)
5.60±0.10
NOM
7.60±0.20
(.220±.004)
(.299±.008)
"A"
.006 –.001
+.002
–0.02
+0.05
0.15
.049 –.004
+.008
–0.10
+0.20
1.25
.009 –.002
+.004
–0.05
+0.10
0.22
INDEX
*
*
(Mounting height)
0.10(.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com