| Electronic Components Datasheet Search |
|
MB89628R Datasheet(PDF) 13 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89628R Datasheet(HTML) 13 Page - fujitsu semiconductor |
|
13 / 44 page ![]() 13 MB89628R/629R/P629 7. Setting OTPROM Options The programming procedure is the same as that for the PROM. Options can be set by programming values at the addresses shown on the memory map. The relationship between bits and options is shown on the following bit map: • OTPROM option bit map Notes: • Set each bit to 1 to erase. • Do not write 0 to the vacant bit. The read value of the vacant bit is 1, unless 0 is written to it. • Always write 0 to the reserved bit. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 8000H (0000H) Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Oscillation stabilization time 1: Crystal 0: Ceramic Reset pin output 1: Yes 2: No Power-on reset 1: Yes 0: No Vacancy Readable and writable Vacancy Readable and writable 8001H (0001H) P07 Pull-up 1: No 0: Yes P06 Pull-up 1: No 0: Yes P05 Pull-up 1: No 0: Yes P04 Pull-up 1: No 0: Yes P03 Pull-up 1: No 0: Yes P02 Pull-up 1: No 0: Yes P01 Pull-up 1: No 0: Yes P00 Pull-up 1: No 0: Yes 8002H (0002H) P17 Pull-up 1: No 0: Yes P16 Pull-up 1: No 0: Yes P15 Pull-up 1: No 0: Yes P14 Pull-up 1: No 0: Yes P13 Pull-up 1: No 0: Yes P12 Pull-up 1: No 0: Yes P11 Pull-up 1: No 0: Yes P10 Pull-up 1: No 0: Yes 8003H (0003H) P37 Pull-up 1: No 0: Yes P36 Pull-up 1: No 0: Yes P35 Pull-up 1: No 0: Yes P34 Pull-up 1: No 0: Yes P33 Pull-up 1: No 0: Yes P32 Pull-up 1: No 0: Yes P31 Pull-up 1: No 0: Yes P30 Pull-up 1: No 0: Yes 8004H (0004H) P57 Pull-up 1: No 0: Yes P56 Pull-up 1: No 0: Yes P55 Pull-up 1: No 0: Yes P54 Pull-up 1: No 0: Yes P53 Pull-up 1: No 0: Yes P52 Pull-up 1: No 0: Yes P51 Pull-up 1: No 0: Yes P50 Pull-up 1: No 0: Yes 8005H (0005H) Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable P64 Pull-up 1: No 0: Yes P63 Pull-up 1: No 0: Yes P62 Pull-up 1: No 0: Yes P61 Pull-up 1: No 0: Yes P60 Pull-up 1: No 0: Yes 8006H (0006H) Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Vacancy Readable and writable Reserved bit Readable and writable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |