Electronic Components Datasheet Search
  English  ▼

X  

RC0117B Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # RC0117B
Description  RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0117B Datasheet(HTML) 3 Page - Solid States Devices, Inc

  RC0117B Datasheet HTML 1Page - Solid States Devices, Inc RC0117B Datasheet HTML 2Page - Solid States Devices, Inc RC0117B Datasheet HTML 3Page - Solid States Devices, Inc RC0117B Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SOLID STATE DEVICES INC.
14701 Firestone, La Mirada, Ca 90638
DATA SHEET APPROVAL FORM
Data Sheet Number
RC0117
Rev B
Custom Data Sheet, do not put on Web
Part Number(s):
SDR620/59, SDR621/59, SDR622/59
Approval
Sign
Date
Engineering Manager:
Dan Tulbure
12/12/07
Executive / CEO
Arnold N. Applebaum
06/04/08
Operation Manager:
Joel Mearig
06/04/08
Marketing Manager:
Sharon Pfifer
06/04/08
Quality Manager:
Brian E. Green
06/04/08
Device Category
Rectifier
Schottky
Bridge
Zener & TVS
Thyristor
FET & IGBT
Transistors
IC & Vreg
Power
Module
HF
Standard
Doubler
& CT
Zener
SCR
N Fet
NPN
<1 W
Vreg
(Adj)
High
Voltage
x
UF
Super
(<25V)
Single
Temp Comp
Triac
PFet
NPN
> 1W
Vreg
(fixed)
FET &
IGBT
Bridges
F
SiC
Three
TVS
(< 4KW )
Trigger
Devices
RadFet
NPN
> 400 V
IC
Battery
Bypass
Std
Mult
TVS
( > 4KW)
JFET
PNP
< 1W
DC - DC
Converter
HV
>2.5KV
N IGBT
PNP
>1 W
Other
HC
>200A
N IGBT
+diode
PNP
>400V
PIN
P IGBT
Comp
Pair
P IGBT
+diode
Data Sheet Developmental Notes
Uc15s20 per id#3331/7198
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0117B
DOC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com