Electronic Components Datasheet Search
  English  ▼

X  

RC0117B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0117B
Description  RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0117B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0117B Datasheet HTML 1Page - Solid States Devices, Inc RC0117B Datasheet HTML 2Page - Solid States Devices, Inc RC0117B Datasheet HTML 3Page - Solid States Devices, Inc RC0117B Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SDR62 __ __ __
│
│
│
│
│
│
│
│
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
└ Package
59 = TO-59
└ Voltage
0 = 100 V
1 = 150 V
2 = 200 V
SDR620/59
SDR621/59
SDR622/59
20 AMPS
100 - 200 VOLTS
ULTRA FAST RECOVERY
RECTIFIER
FEATURES:
Isolated Package
Reverse Recovery Time 35 ns Max
PIV 200 Volts
Low Reverse Leakage
Hermetically Sealed
Single Chip Construction
-65ºC to 200ºC Operating and Storage Temperature
Isolated Version of 1N5812-16 DO-4
TX, TXV, and S-Level Screening Available 2/
MAXIMUM RATINGS 3/
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SDR620
SDR621
SDR622
VRRM
VR
100
150
200
Volts
Half Wave Rectified Forward Current, Averaged Over Full Cycle
Resistive Load, 60 Hz, Sine Wave, TC= 55ºC
IO
20
Amps
Peak Repetitive Forward Current
8.3 ms Pulse, Allow Junction to Reach Equilibrium Between Pulses
IFRM
80
Amps
Peak Surge Current
8.3 ms Pulse
IFSM
200
Amps
Thermal Resistance
Junction to Case
RJC
1.5
ºC/W
Operating and Storage Temperature
TJ & Tstg
-65 to +200
ºC
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @ 25ºC.
TO-59
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0117B
DOC


Similar Part No. - RC0117B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0117B SSDI-RC0117B_15 Datasheet
155Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - RC0117B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com