Electronic Components Datasheet Search
  English  ▼

X  

RC0119J Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0119J
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0119J Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0119J Datasheet HTML 1Page - Solid States Devices, Inc RC0119J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0119J
DOC
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
LIMIT
UNIT
Instantaneous Forward Voltage Drop
300 μs pulse
IF= 6.0 Adc
IF= 10 Adc
IF= 20 Adc
IF= 6.0 Adc, TA= +125°C
IF= 6.0 Adc, TA= +150°C
IF= 6.0 Adc, TA= -55°C
VF1
VF2
VF3
VF4
VF5
VF6
0.900
0.950
1.050
0.850
0.780
1.050
Vdc
Reverse Leakage Current
At rated VR, 300 μs pulse
TA= +25°C
TA= +125°C
TA= +150°C
IR1
IR2
IR3
1
100
500
μA
μA
μA
Breakdown Voltage
IR= 100 µA
1N7066
1N7067
1N7068
BVR
110
160
210
V
Junction Capacitance
VR= 10 Vdc, f= 1 MHz
CJ
80
pF
Reverse Recovery Time
IF= 1 A, IR= 1 A, IRR= 0.1 A
trr
30
ns
Package Outlines:
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
Minimum
Maximum
DIM.
Minimum
Maximum
A
.135
.165
A
.172
.180
B
.135
.155
B
.180
.220
C
.036
.042
C
.020
.028
D
.900
1.30
D
.002
---
AXIAL
SMS
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
1N7066 thru 1N7068
and
1N7066SMS thru 1N7068SMS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com