Electronic Components Datasheet Search
  English  ▼

X  

RC0119J Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0119J
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0119J Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0119J Datasheet HTML 1Page - Solid States Devices, Inc RC0119J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0119J
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
1N70 __ __ __
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Voltage/Family
66 = 100V
67 = 150V
68 = 200V
1N7066 thru 1N7068
and
1N7066SMS thru 1N7068SMS
10 AMP
100 ─ 200 VOLTS
30 ns HYPERFAST RECOVERY
RECTIFIER
FEATURES:
Hyper fast reverse recovery: 30ns maximum
4/
High surge current: 350 A maximum
Hermetically sealed
Low forward voltage drop .95 @10A
Void free ceramic frit glass construction
High temperature category I eutectic metallurgical
bond
Solid silver leads
Available in axial & square tab versions
TX, TXV, and S-level screening available
2/
Available as a QPL product per MIL-PRF-19500/768
Axial lead higher current replacements for:
1N5807, 1N5809, 1N5811
Possible SMS replacements for stud mount:
1N5812, 1N5814, 1N5816
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
and
DC Blocking Voltage
1N7066
1N7067
1N7068
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current
(Axial TL ≤ 55°C; SMS TEC ≤ 100°C )
5/
IO
10
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave, superimposed on Io, VRWM = rated,
allow junction to reach equilibrium between pulses, TA= 25°C)
IFSM
350
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to
+175
°C
Thermal Resistance
Junction to Lead for Axial, L =.125"
Junction to End Tab for Surface Mount
RθJL
RθJE
8
4.5
°C/W
NOTES:
1/ For ordering information, price, operating curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @ 25°C.
4/ IF = 1A, IR = 1A, IRR = 0.1A, TA = 25°C
5/ Operating at higher IO currents may be achieved based on specific application
.
and device mounting if TJ is maintained below 175°C.
Axial Leaded
SMS


Similar Part No. - RC0119J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0119J SSDI-RC0119J_15 Datasheet
120Kb / 2P
HYPERFAST RECOVERY RECTIFIER
More results

Similar Description - RC0119J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com