Electronic Components Datasheet Search
  English  ▼

X  

RC0126C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0126C
Description  HYPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0126C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0126C Datasheet HTML 1Page - Solid States Devices, Inc RC0126C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0126C
DOC
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
LIMIT
UNIT
Maximum Instantaneous Forward Voltage Drop
(Pulsed, TA = 25°C) @ IF = 10mA
SDR6638
SDR6642
SDR6643
SDR4150
VF1
0.8
0.8
1.0
0.74
Vdc
Maximum Instantaneous Forward Voltage Drop
(Pulsed, TA = 25°C)
SDR6638 @ IF = 200mA
SDR6642 @ IF = 100mA
SDR6643 @ IF = 100mA
SDR4150 @ IF = 100mA
VF2
1.1
1.2
1.2
0.92
Vdc
Maximum Instantaneous Forward Voltage Drop (Pulsed)
IF = 100mA, TA = -55°C
VF3
1.3
Vdc
Minimum Breakdown Voltage
Ir = 100 μA
SDR6638
SDR6642
SDR6643
SDR4150
BVR
125
100
75
75
Vdc
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 25°C)
SDR6638 @ VR = 20V
SDR6642 @ VR = 20V
SDR6643 @ VR = 20V
SDR4150 @ VR = 50V
IR1
35
25
50
100
nA
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 25°C)
SDR6638 @ VR = 100V
SDR6642 @ VR = 75V
SDR6643 @ VR = 50V
IR2
500
500
500
nA
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 150°C)
SDR6638 @ VR = 20V
SDR6642 @ VR = 20V
SDR6643 @ VR = 20V
SDR4150 @ VR = 50V
IR3
50
50
75
100
μA
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 150°C)
SDR6638 @ VR = 100V
SDR6642 @ VR = 75V
SDR6643 @ VR = 50V
IR4
100
100
160
μA
Maximum Junction Capacitance
(TA = 25°C , f = 1MHz) VR = 0V
SDR6638
SDR6642
SDR6643
SDR4150
CJ1
2.5
5.0
5.0
2.5
pf
Maximum Junction Capacitance
(TA = 25°C , f = 1MHz) VR = 1.5V
SDR6638
SDR6642
SDR6643
CJ2
2.0
2.8
2.8
pf
Maximum Reverse Recovery Time
(IF = IR = 10 mA, IRR = 1 mA)
SDR6638
SDR6642
SDR6643
SDR4150
trr
4.5
5.0
6.0
4.0
nsec
AXIAL
DIMENSIONS
DIM
MIN
MAX
A
.056”
.080”
B
.130”
.180”
C
1.00”
1.50”
D
.018”
.022”
SM
DIMENSIONS
DIM
MIN
MAX
A
.056”
.064”
B
.130”
.146”
C
.010”
.022”
SMS
DIMENSIONS
DIM
MIN
MAX
A
.070”
.085”
B
.165”
.210”
C
.019”
.028”
D
.001”
---
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR6638, SDR6642, SDR6643,
& SDR4150 SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com