Electronic Components Datasheet Search
  English  ▼

X  

RC0126C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0126C
Description  HYPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0126C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0126C Datasheet HTML 1Page - Solid States Devices, Inc RC0126C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0126C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR____ __ __
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level (for SM, use –S)
Package Type
__ = Axial Leaded
SM = Surface Mount Round Tab
(MELF)
SMS = Surface Mount Square Tab
Device Type ( VRWM )
6638 = 125 V
6642 = 75 V
6643 = 50 V
4150 = 75 V
SDR6638, SDR6642, SDR6643,
& SDR4150 SERIES
300 mA
50 - 125 VOLTS
4.5 - 6.0 nsec HYPER FAST RECOVERY
RECTIFIER
FEATURES:
Hyper Fast Reverse Recovery Time 4.5 - 6 ns
Max
Hermetically Sealed
Planar Passivated Chip
For High Efficiency Applications
Available in Axial, Subminiature Round Tab
& Subminiature Square Tab Versions
TX, TXV, and S-Level Screening Available
2/
Replacement for 1N6638, 1N6642, 1N6643, &
1N4150-1
Metallurgical Class 3 Bond
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
DC Blocking Voltage
SDR6638
SDR6642
SDR6643
SDR4150
VRWM
VR
125
75
50
75
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TC = 25°C)
IO
300
mAmps
Peak Surge Current
(8.3 msec Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TC = 25°C)
IFSM
2.5
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°C
Thermal Resistance
SM and SMS- Junction to End Tab
Axial- Junction to Lead @ .375”
RθJE
RθJL
100
325
°C/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact
Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows
Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics
@25ºC.
Axial Leaded
SM
SMS


Similar Part No. - RC0126C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0126C SSDI-RC0126C_15 Datasheet
128Kb / 2P
HYPER FAST RECOVERY RECTIFIER
More results

Similar Description - RC0126C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1AHF SSDI-SDR1AHF_2 Datasheet
108Kb / 2P
Hyper Fast Recovery Rectifier
SDR2HF1.8 SSDI-SDR2HF1.8_1 Datasheet
149Kb / 2P
HYPER FAST RECOVERY RECTIFIER
SDR6638 SSDI-SDR6638 Datasheet
118Kb / 2P
HYPER FAST RECOVERY RECTIFIER
SPD6626 SSDI-SPD6626_1 Datasheet
141Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0160C SSDI-RC0160C Datasheet
187Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RH0119J SSDI-RH0119J Datasheet
77Kb / 2P
Hyper Fast Recovery Rectifier
RC0096F SSDI-RC0096F_15 Datasheet
112Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0126C SSDI-RC0126C_15 Datasheet
128Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0160C SSDI-RC0160C_15 Datasheet
187Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RH0119J SSDI-RH0119J_15 Datasheet
77Kb / 2P
Hyper Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com